Electronic Components Datasheet Search
  English  ▼

X  

TPIC1021 Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # TPIC1021
Description  LIN Physical Interface
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPIC1021 Datasheet(HTML) 8 Page - Texas Instruments

Back Button TPIC1021 Datasheet HTML 4Page - Texas Instruments TPIC1021 Datasheet HTML 5Page - Texas Instruments TPIC1021 Datasheet HTML 6Page - Texas Instruments TPIC1021 Datasheet HTML 7Page - Texas Instruments TPIC1021 Datasheet HTML 8Page - Texas Instruments TPIC1021 Datasheet HTML 9Page - Texas Instruments TPIC1021 Datasheet HTML 10Page - Texas Instruments TPIC1021 Datasheet HTML 11Page - Texas Instruments TPIC1021 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
www.ti.com
ELECTRICAL CHARACTERISTICS
TPIC1021
LIN Physical Interface
SLIS113 – OCTOBER 2004
V
SUP = 7 V to 27 V, TA = -40°C to 125°C (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP(1)
MAX
UNIT
SUPPLY
Operational supply voltage(2)
7
14
27
V
Nominal supply line voltage(2)
7
14
18
V
VSUP undervoltage threshold(2)
4.5
V
ICC
Supply Current
Normal Mode, EN = 1, Bus domi-
1.2
2.5
mA
nant (total bus load > 500
Ω)(3)
Standby Mode, EN = 0, Bus domi-
1
2.1
mA
nant (total bus load > 500
Ω)(3)
Normal Mode, EN = 1, Bus recess-
300
500
µA
ive
Standby Mode, EN = 0, Bus recess-
300
500
µA
ive
Low Power Mode, EN = 0, VSUP <
20
50
µA
14 V, NWake = VSUP
Low Power Mode, EN = 0, 14 V <
50
100
µA
VSUP < 27 V, NWake = VSUP
RXD OUTPUT PIN
VO
Output voltage
-0.3
5.5
V
IOL
Low-level output current, open drain
LIN = 0 V, RXD = 0.4 V
3.5
mA
IIKG
Leakage current, high-level
LIN = VSUP, RXD = 5 V
-5
0
5
µA
TXD INPUT PIN
VIL
Low-level input voltage(2)
-0.3
0.8
V
VIH
High-level input voltage(2)
2
5.5
V
VIT
Input threshold hysteresis voltage(2)
30
500
mV
Pull-down resistor
125
350
800
k
Ω
IIL
Low-level input current
TXD = 0
-5
0
5
µA
LIN PIN (Referenced to VSUP)
VOH
High-level output voltage(2)
LIN recessive, TXD = High, IO = 0
VSUP-1V
V
mA
VOL
Low-level output voltage(2)
LIN dominant, TXD = Low, IO = 40
0
0.2
×V
SUP
V
mA
Pull-up resistor to VSUP
20
30
60
k
Ω
IL
Limiting current
TXD = Low
50
150
250
mA
IIKG
Leakage current
LIN = VSUP
-5
0
5
µA
VIL
Low-level input voltage(2)
LIN dominant
VSUP
0.4
×V
SUP
V
VIH
High-level input voltage(2)
LIN recessive
0.6
×V
SUP
VSUP
V
VIT
Input threshold voltage(2)
0.4
×V
SUP
0.5
×V
SUP
0.6
×V
SUP
V
Vhys
Hysteresis voltage(2)
0.05
×V
SUP
0.175
×V
SU
V
P
VIL
Low-level input voltage for
0
0.4
×V
SUP
V
wake-up(2)
EN PIN
VIL
Low-level input voltage(2)
-0.3
0.8
V
VIH
High-level input voltage(2)
2
5.5
V
Vhys
Hysteresis voltage(2)
30
500
mV
(1)
Typical values are give for VSUP = 14 V at 25°C.
(2)
All voltages are defined with respect to ground; positive currents flow into the TPIC1021 device.
(3)
In the dominant state the supply current increases as the supply voltage increases due to the integrated LIN slave termination
resistance. At higher voltages the majority of supply current is through the termination resistance. The minimum resistance of the LIN
slave termination is 20 k
Ω so the maximum supply current attributed to the termination is: I
SUP (dom) max termination ≈ (VSUP–
(VLIN_Dominant+0.7V) / 20 kΩ.
8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com