Electronic Components Datasheet Search
  English  ▼

X  

TPIC1021 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # TPIC1021
Description  LIN Physical Interface
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPIC1021 Datasheet(HTML) 7 Page - Texas Instruments

Back Button TPIC1021 Datasheet HTML 3Page - Texas Instruments TPIC1021 Datasheet HTML 4Page - Texas Instruments TPIC1021 Datasheet HTML 5Page - Texas Instruments TPIC1021 Datasheet HTML 6Page - Texas Instruments TPIC1021 Datasheet HTML 7Page - Texas Instruments TPIC1021 Datasheet HTML 8Page - Texas Instruments TPIC1021 Datasheet HTML 9Page - Texas Instruments TPIC1021 Datasheet HTML 10Page - Texas Instruments TPIC1021 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
www.ti.com
ABSOLUTE MAXIMUM RATINGS
(1)
TPIC1021
LIN Physical Interface
SLIS113 – OCTOBER 2004
over operating free-air temperature range (unless otherwise noted)
PARAMETER
RATING
UNIT
VSUP(2)
Supply line supply voltage (continuous)
0 to 27
V
Supply line supply voltage (transient)
0 to 40
V
NWake DC and transient input voltage (through 33-k
Ω serial resistor)
-1 to 40
V
Logic pin input voltage (RXD, TXD, EN)
-0.3 to 5.5
V
LIN DC input voltage
-40 to 40
V
Electrostatic discharge: Human Body Model: LIN pin(3)
-12 to 12
kV
Electrostatic discharge: Human Body Model: All other pins(3)
-4 to 4
kV
Electrostatic discharge: Machine Model: LIN pin(4)
-400 to 400
V
Electrostatic discharge: Machine Model: All other pins(4)
-200 to 200
V
TA
Operational free-air temperature
-40 to 125
°C
TJ
Junction temperature
-40 to 150
°C
Tstg
Storage temperature
-40 to 165
°C
RθJA
Thermal resistance, junction-to-ambient
°C/W
Thermal shutdown
200
°C
Thermal shutdown hysteresis
25
°C
(1)
Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings
only and functional operation of the device at these or any other conditions beyond those indicated under “recommended operating
conditions” is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
All voltage values are with respect to GND.
(3)
The human body model is a 100-pF capacitor discharged through a 1.5-k
Ω resistor into each pin.
(4)
The machine model is a 200-pF capacitor through a 10-
Ω resistor and a 0.75-µH coil.
7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com