Electronic Components Datasheet Search
  English  ▼

X  

TPIC1021 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TPIC1021
Description  LIN Physical Interface
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPIC1021 Datasheet(HTML) 1 Page - Texas Instruments

  TPIC1021 Datasheet HTML 1Page - Texas Instruments TPIC1021 Datasheet HTML 2Page - Texas Instruments TPIC1021 Datasheet HTML 3Page - Texas Instruments TPIC1021 Datasheet HTML 4Page - Texas Instruments TPIC1021 Datasheet HTML 5Page - Texas Instruments TPIC1021 Datasheet HTML 6Page - Texas Instruments TPIC1021 Datasheet HTML 7Page - Texas Instruments TPIC1021 Datasheet HTML 8Page - Texas Instruments TPIC1021 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
www.ti.com
FEATURES
1
2
3
4
8
7
6
5
RXD
EN
NWake
TXD
INH
VSUP
LIN
GND
D PACKAGE
(TOP VIEW)
DESCRIPTION
TPIC1021
LIN Physical Interface
SLIS113 – OCTOBER 2004
•
Dominant State Timeout Protection on TXD
Pin
•
LIN Physical Layer Specification Revision 2.0
compliant. Conforms to SAEJ2602
•
Wake-Up Request on RXD Pin
Recommended Practice for LIN
•
Control of External Voltage Regulator (INH
•
LIN Bus Speed up to 20 kbps
Pin)
•
ESD Protection to 12 kV (Human Body Model)
•
Integrated Pull-Up Resistor and Series Diode
on LIN Pin
for LIN Slave Applications
•
LIN Pin Handles Voltage from -40 V to +40 V
•
Low EME (Electromagnetic Emissions), High
EMI (Electromagnetic Immunity)
•
Survives Transient Damage in Automotive
Environment (ISO 7637)
•
Bus Terminal Short-Circuit Protected for
Short to Battery or Short to Ground
•
Operation with Supply from 7 V to 27 V DC
•
Thermally Protected
•
Two Operation Modes: Normal and Low
Power (Sleep) Mode
•
Ground Disconnection Fail Safe at System
Level
•
Low Current Consumption in Low Power
Mode
•
Ground Shift Operation at System Level
•
Wake-Up Available from LIN Bus, Wake-Up
•
Unpowered Node Does Not Disturb the
Input (External Switch) or Host MCU
Network
•
Interfaces to MCU with 5 V or 3.3 V I/O Pins
The TPIC1021 is the LIN (Local Interconnect Network) physical interface, which integrates the serial transceiver
with wake up and protection features. The LIN bus is a single wire, bi-directional bus typically used for low-speed
in-vehicle networks using baud rates between 2.4 kbps and 20 kbps.
The LIN bus has two logical values: the dominant state (voltage near ground) represents a logic ‘0’ and the
recessive state (voltage near battery) and represents logic ‘1’.
In the recessive state the LIN bus is pulled high by the TPIC1021’s internal pull-up resistor (30k
Ω) and series
diode, so no external pull-up components are required for slave applications. Master applications require an
external pull-up resistor (1k
Ω) plus a series diode.
The LIN Protocol output data stream on the TXD pin is converted by the TPIC1021 into the LIN bus signal
through a current limited, wave-shaping low-side driver with control as outlined by the LIN Physical Layer
Specification Revision 2.0. The receiver converts the data stream from the LIN bus and outputs the data stream
via the RXD pin.
In Low Power mode, the TPIC1021 requires very low quiescent current even though the wake-up circuits remain
active allowing for remote wake up via the LIN bus or local wake ups via NWake or EN pins.
The TPIC1021 has been designed for operation in the harsh automotive environment. The device can handle LIN
bus voltage swing from +40 V down to ground and survive -40 V. The device also prevents back feed current
through the LIN pin to the supply input in case of a ground shift or supply voltage disconnection. It also features
under-voltage, over temperature, and loss of ground protection. In the event of a fault condition the output is
immediately switched off and remains off until the fault condition is removed.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCT PREVIEW information concerns products in the forma-
Copyright © 2004, Texas Instruments Incorporated
tive or design phase of development. Characteristic data and other
specifications are design goals. Texas Instruments reserves the
right to change or discontinue these products without notice.


Similar Part No. - TPIC1021

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPIC1021 TI2-TPIC1021 Datasheet
1Mb / 25P
TPIC1021 LIN Physical Interface
REVISED MAY 2022
TPIC1021A-Q1 TI1-TPIC1021A-Q1 Datasheet
290Kb / 20P
LIN PHYSICAL INTERFACE
TPIC1021AQDRQ1 TI1-TPIC1021AQDRQ1 Datasheet
290Kb / 20P
LIN PHYSICAL INTERFACE
TPIC1021D TI1-TPIC1021D Datasheet
738Kb / 18P
LIN Physical Interface
TPIC1021D TI2-TPIC1021D Datasheet
1Mb / 25P
TPIC1021 LIN Physical Interface
REVISED MAY 2022
More results

Similar Description - TPIC1021

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC33661 MOTOROLA-MC33661 Datasheet
377Kb / 20P
LIN Enhanced Physical Interface
logo
Freescale Semiconductor...
33399 FREESCALE-33399 Datasheet
435Kb / 19P
Local Interconnect Network (LIN) Physical Interface
MC33663 FREESCALE-MC33663 Datasheet
828Kb / 37P
LIN 2.1 / SAEJ2602-2 Dual LIN Physical Layer
logo
Texas Instruments
SN65HVDA100-Q1 TI1-SN65HVDA100-Q1 Datasheet
679Kb / 26P
LIN PHYSICAL INTERFACE
SN65HVDA195-Q1 TI1-SN65HVDA195-Q1 Datasheet
590Kb / 21P
LIN AND MOST ECL PHYSICAL INTERFACE
TPIC1021A-Q1 TI1-TPIC1021A-Q1 Datasheet
290Kb / 20P
LIN PHYSICAL INTERFACE
TPIC1021D TI1-TPIC1021D Datasheet
738Kb / 18P
LIN Physical Interface
logo
Freescale Semiconductor...
MC33662LEF FREESCALE-MC33662LEF Datasheet
577Kb / 31P
LIN 2.1 / SAEJ2602-2, LIN Physical Layer
logo
NXP Semiconductors
MC33661 NXP-MC33661 Datasheet
1Mb / 22P
Local Interconnect Network (LIN) Enhanced Physical Interface with Selectable Slew-Rate
Rev. 8.0, 4/2013
MC33399 NXP-MC33399 Datasheet
908Kb / 19P
Local Interconnect Network (LIN) Physical Interface
Rev. 10.0, 4/2013
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com