Electronic Components Datasheet Search
  English  ▼

X  

TPIC1021 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # TPIC1021
Description  LIN Physical Interface
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPIC1021 Datasheet(HTML) 5 Page - Texas Instruments

  TPIC1021 Datasheet HTML 1Page - Texas Instruments TPIC1021 Datasheet HTML 2Page - Texas Instruments TPIC1021 Datasheet HTML 3Page - Texas Instruments TPIC1021 Datasheet HTML 4Page - Texas Instruments TPIC1021 Datasheet HTML 5Page - Texas Instruments TPIC1021 Datasheet HTML 6Page - Texas Instruments TPIC1021 Datasheet HTML 7Page - Texas Instruments TPIC1021 Datasheet HTML 8Page - Texas Instruments TPIC1021 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
www.ti.com
Normal Mode
Low Power Mode
Wake-Up Events
Standby Mode
TPIC1021
LIN Physical Interface
SLIS113 – OCTOBER 2004
OPERATING STATES (continued)
Operating Modes
MODE
EN
RXD
LIN BUS
INH
TRANSMITTER
COMMENTS
TERMINATION
Low Power
0
Floating
High impedance
High impedance
Off
Standby
0
Low
30 k
Ω (typical)
High
Off
Wake-up event detected,
waiting on MCU to set EN
Normal
1
LIN bus data
30 k
Ω (typical)
High
On
This is the normal operational mode where the receiver and driver are active. The receiver detects the data
stream on the LIN bus and outputs it on the RXD pin for the LIN controller where recessive on the LIN bus is a
digital high and dominate on the LIN bus is digital low. The driver will transmit input data on the TXD pin to the
LIN bus.
The power saving mode for the TPIC1021 and the default state after power-up (assuming EN=0). Even with the
extremely low current consumption in this mode, the TPIC1021 can still wake-up from LIN bus activity, a falling
edge on the NWake pin or if EN is set high. The LIN bus and NWake pins are filtered to prevent false wake-up
events. The wake-up events must be active for their respective time periods: tLINBUS, tNWake.
The low power mode is entered by setting the EN pin low.
While the device is in low power mode the following conditions exist:
The LIN bus driver is disabled and the internal LIN bus termination is switched off (to minimize power loss if
LIN is short-circuited to ground).
The normal receiver is disabled.
The INH pin is high impedance.
EN input, NWake input and the LIN wake-up receiver are active.
There are three ways to wake-up the TPIC1021 from Low Power Mode.
Remote wake-up via recessive (high) to dominant (low) state transition on LIN Bus where dominant bus state
of 50% threshold is detected. The dominant state must be held for tLINBUS filter time (to eliminate false wake
ups from disturbances on the LIN Bus).
Local wake-up via falling edge on NWake pin which is held low for filter time tNWake (to eliminate false wake
ups from disturbances on NWake).
Local wake-up via EN being set high
This mode is entered whenever a wake-up event occurs via the LIN bus or NWake pin while the TPIC1021 is in
low power mode. The LIN bus slave termination circuit and the INH pin are turned on when standby mode is
entered. The application system will power up once the INH pin is turn assuming it is using a voltage regulator
connected via INH pin. Standby Mode is signaled via a low level on RXD pin.
When EN pin is set high while the TPIC1021 is in Standby Mode the device returns to Normal Mode and the
normal transmission paths from TXD to LIN bus and LIN bus to RXD are turned on.
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com