Electronic Components Datasheet Search
  English  ▼

X  

MPQ5480 Datasheet(PDF) 3 Page - Monolithic Power Systems

Part # MPQ5480
Description  Integrated Charger with 5V/100mA DCDC Synchronous Regulator
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MPQ5480 Datasheet(HTML) 3 Page - Monolithic Power Systems

  MPQ5480 Datasheet HTML 1Page - Monolithic Power Systems MPQ5480 Datasheet HTML 2Page - Monolithic Power Systems MPQ5480 Datasheet HTML 3Page - Monolithic Power Systems MPQ5480 Datasheet HTML 4Page - Monolithic Power Systems MPQ5480 Datasheet HTML 5Page - Monolithic Power Systems MPQ5480 Datasheet HTML 6Page - Monolithic Power Systems MPQ5480 Datasheet HTML 7Page - Monolithic Power Systems MPQ5480 Datasheet HTML 8Page - Monolithic Power Systems MPQ5480 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
MPQ5480 – INTEGRATED CHARGER WITH 5V/100mA DCDC SYNC REGULATOR
MPQ5480 Rev. 1.0
www.MonolithicPower.com
3
3/11/2016
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2016 MPS. All Rights Reserved.
TM
ABSOLUTE MAXIMUM RATINGS (1)
Charger input (VCH) ..............................-1V to 7V
Battery supply voltage (VBATT)...........-0.3V to 5V
Switch pin voltage (VSW) ..... -0.3V to VBATT+0.3V
All other pins ..................................-0.3V to 6.5V
Continuous power dissipation (TA = +25°C)
(2)
.................................................................. 1.3W
Junction temperature ................................150°C
Lead temperature......................................260°C
Storage temperature .................. -65°C to 150°C
Recommended Operating Conditions
Charger input (VCH) ...............................4V to 6V
Battery supply voltage (VBATT).........2.5V to 4.8V
Operating junction temp. (TJ) ... -40C to +125C
Thermal Resistance
(3)
θJA
θJC
WLCSP-16 (1.7mmx1.7mm) ...95 ....... 1 ....
C/W
Notes:
1) Absolute maximum ratings are rated under room temperature
unless otherwise noted. Exceeding these ratings may
damage the device.
2) The maximum allowable power dissipation is a function of the
maximum junction temperature TJ (MAX), the junction-to-
ambient thermal resistance θJA, and the ambient temperature
TA. The maximum allowable continuous power dissipation at
any ambient temperature is calculated by PD (MAX) = (TJ
(MAX)-TA)/θJA. Exceeding the maximum allowable power
dissipation will cause excessive die temperature, and the
regulator will go into thermal shutdown. Internal thermal
shutdown circuitry protects the device from permanent
damage.
3) Measured on JESD51-7, 4-layer PCB.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com