Electronic Components Datasheet Search
  English  ▼

X  

MPQ5480 Datasheet(PDF) 13 Page - Monolithic Power Systems

Part # MPQ5480
Description  Integrated Charger with 5V/100mA DCDC Synchronous Regulator
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MPQ5480 Datasheet(HTML) 13 Page - Monolithic Power Systems

Back Button MPQ5480 Datasheet HTML 9Page - Monolithic Power Systems MPQ5480 Datasheet HTML 10Page - Monolithic Power Systems MPQ5480 Datasheet HTML 11Page - Monolithic Power Systems MPQ5480 Datasheet HTML 12Page - Monolithic Power Systems MPQ5480 Datasheet HTML 13Page - Monolithic Power Systems MPQ5480 Datasheet HTML 14Page - Monolithic Power Systems MPQ5480 Datasheet HTML 15Page - Monolithic Power Systems MPQ5480 Datasheet HTML 16Page - Monolithic Power Systems MPQ5480 Datasheet HTML 17Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 13 / 17 page
background image
MPQ5480 – INTEGRATED CHARGER WITH 5V/100mA DCDC SYNC REGULATOR
MPQ5480 Rev. 1.0
www.MonolithicPower.com
13
3/11/2016
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2016 MPS. All Rights Reserved.
TM
OPERATION
MPQ5480 is a complete power management
solution for Lithium-Ion battery powered device. It
integrates a CC/CV charger, cell protection
function, high efficiency synchronous buck
regulator and a push-button controller.
MPQ5480 has following modes:
Shutdown: When VBATT < Vth_UVLO, system draws
only leakage current from battery and re-
activation is only possible by connecting a
charger.
Charging: Charger is connected to system.
DC/DC, Vo2 and push-button are de-activated.
After charger is removed system will be in
Normal Operation OFF condition.
Normal Operation (ON/OFF): VBATT > Vth_UVLO
and no charger is connected. In this mode the
system can be turned ON or OFF by toggling the
push-button.
Charger
The MPQ5480 integrated linear charger provides
CC/CV charging algorithms. It changes charge
modes automatically depending on the battery
status. A typical charging profile is shown on
Figure 2.
Figure 2: Typical Charging Profile
The
defined
charging
current,
ICHG
is
programmed through resistor RICHG from ICHG
pin to GND. The relationship of the charging
current and RICHG is shown in Table 1 and Figure
3.
Table 1: ICHG vs. RICHG
ICHG (mA)
RICHG (kΩ)
7.8
169
10
124
11
110
12
100
21.2
51
34.4
27
51
15
71
8.25
100
2.49
127
0
Figure 3: ICHG vs. RICHG
When battery voltage falls below the trickle falling
threshold (Vth_trich with ~180mV hysteresis), the
charging current is limited to 10% of the
programmed value to trickle charge the fully
depleted battery. After the battery voltage
reaches the trickle rising threshold (Vth_trich), the
charger begins to charge at a constant current of
the programmed value (ICHG). ICHG is typically set
to C/2. This is referred to as Constant Current
(CC) mode. Once the battery voltage reaches
CV-Level VCV (e.g. 4.10V), the charger will
operate in Constant Voltage (CV) mode until the
battery is fully charged. Charging is terminated
when the current into the battery falls to 10% of
the defined charging current ICHG or the charge
termination timer (3.6h) expires.
MPQ5480 also provides an ON Chip temperature
sensor to prevent charging outside normal
battery temperature limits. The charger will only
start to charge when the die temperature is
between 6°C and 49°C.
ICHG vs. RICHG
0
20
40
60
80
100
120
140
0
20
40
60
80 100 120 140 160 180
RICHG (kΩ)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com