Electronic Components Datasheet Search
  English  ▼

X  

MPQ5480 Datasheet(PDF) 4 Page - Monolithic Power Systems

Part # MPQ5480
Description  Integrated Charger with 5V/100mA DCDC Synchronous Regulator
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MPQ5480 Datasheet(HTML) 4 Page - Monolithic Power Systems

  MPQ5480 Datasheet HTML 1Page - Monolithic Power Systems MPQ5480 Datasheet HTML 2Page - Monolithic Power Systems MPQ5480 Datasheet HTML 3Page - Monolithic Power Systems MPQ5480 Datasheet HTML 4Page - Monolithic Power Systems MPQ5480 Datasheet HTML 5Page - Monolithic Power Systems MPQ5480 Datasheet HTML 6Page - Monolithic Power Systems MPQ5480 Datasheet HTML 7Page - Monolithic Power Systems MPQ5480 Datasheet HTML 8Page - Monolithic Power Systems MPQ5480 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
MPQ5480 – INTEGRATED CHARGER WITH 5V/100mA DCDC SYNC REGULATOR
MPQ5480 Rev. 1.0
www.MonolithicPower.com
4
3/11/2016
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2016 MPS. All Rights Reserved.
TM
ELECTRICAL CHARACTERISTICS
VBATT=3.8V, VCH=5V, L=10µH, CIN=10µF, COUT=10µF, TA=+30ºC, unless otherwise noted.
Parameters
Symbol Condition
Min
Typ
Max
Units
Battery supply current (Shutdown)
ISHDN_BATT VBATT < Vth_UVLO
200
350
nA
Battery supply current (OFF)
IOFF_BATT Push-button state: OFF
8
µA
Battery supply current (quiescent)
IQ_BATT
Push-button state: ON, no
switching
40
55
μA
Charger supply current (quiescent)
IQ_CH
170
uA
DC/DC converter
Output voltage
VOUT
(default) Vth
_UVLO  VBATT  4.5V
-1%
1.22
+1%
V
PFET switch on resistance
RDSON_P
950
mΩ
NFET switch on resistance
RDSON_N
375
mΩ
Switch leakage
SWLKG
100
nA
Minimum on time
(4)
TON_MIN
80
ns
Soft-start time
(4)
tSS
VOUT from 10% to 90%
0.3
ms
RIPK=36.5kΩ
50
RIPK=17.8kΩ
(4)
100
Peak current limit
IPK
RIPK=7.87kΩ
(4)
200
mA
DC/DC SW impedance when OFF
RSW
DC/DC shutdown
1
kΩ
VBATT under-voltage lockout
threshold
Vth_UVLO
2.95
3.05
3.11
V
Charger
Charger detection threshold-rising
Vth_CH
3.6
3.8
4
V
Charger detection threshold-
hysteresis
Vhys_CH
300
mV
Battery reverse current to CH pin
VREV
VBATT = 4V, CH connected
to GND or float
100
nA
Battery charge termination voltage
VCV
-0.5%
4.1
+0.5%
V
RICHG = 169kΩ
(4)
7.8
mA
RICHG = 100kΩ
-10%
12
+10%
mA
RICHG = 8.25kΩ
(4)
71
mA
Constant current regulation
ICHG
RICHG = 0kΩ
(4)
127
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com