Electronic Components Datasheet Search
  English  ▼

X  

MPQ5480 Datasheet(PDF) 11 Page - Monolithic Power Systems

Part # MPQ5480
Description  Integrated Charger with 5V/100mA DCDC Synchronous Regulator
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MPQ5480 Datasheet(HTML) 11 Page - Monolithic Power Systems

Back Button MPQ5480 Datasheet HTML 7Page - Monolithic Power Systems MPQ5480 Datasheet HTML 8Page - Monolithic Power Systems MPQ5480 Datasheet HTML 9Page - Monolithic Power Systems MPQ5480 Datasheet HTML 10Page - Monolithic Power Systems MPQ5480 Datasheet HTML 11Page - Monolithic Power Systems MPQ5480 Datasheet HTML 12Page - Monolithic Power Systems MPQ5480 Datasheet HTML 13Page - Monolithic Power Systems MPQ5480 Datasheet HTML 14Page - Monolithic Power Systems MPQ5480 Datasheet HTML 15Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
MPQ5480 – INTEGRATED CHARGER WITH 5V/100mA DCDC SYNC REGULATOR
MPQ5480 Rev. 1.0
www.MonolithicPower.com
11
3/11/2016
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2016 MPS. All Rights Reserved.
TM
PIN FUNCTIONS (Pin arrangement refer to package top view on page 2)
Pin #
Name
Description
A1
CH
Charger input. USB compatible input voltage for CC/CV lithium-ion battery charger.
A2
ICHG
Charge current set. Connect resistor between this pin and ground to set maximum
charge current.
A3
NC
Do not connect. NC must be left floating.
A4
NC
Do not connect. NC must be left floating.
B1
BATT
Connect to Lithium-Ion battery. A decoupling capacitor is needed here.
B2
Vo2
Extension output. Switched pin that provides battery power to external circuitry when
device is active.
B3
NC
Do not connect. NC must be left floating.
B4
EN/PB
Enable input, push-button. Toggle control pin for enable/disable DC/DC converter
and Vo2. Connect a push-button between this pin and GND.
C1
PGND
Power ground. Reference ground of the power device.
C2
AGND
Analog ground. Reference ground of logic circuit.
C3
EOL
Low battery voltage detection. Connect to a 0.1uF capacitor to provide filtered
battery voltage for battery UVLO protection.
C4
NC
Do not connect. NC must be left floating.
D1
SW
Switch output of DC/DC converter. Connect to step-down inductor.
D2
VOUT
Power output of DC/DC converter.
D3
IPK
Peak current set of DC/DC converter. Connect resistor between this pin and ground
to set inductor peak current. There is an internal 2kΩ resistor in series with IPK to
ensure the peak current not too large even RIPK=0.
D4
NC
Do not connect. NC must be left floating.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com