Electronic Components Datasheet Search
  English  ▼

X  

MPQ5480 Datasheet(PDF) 9 Page - Monolithic Power Systems

Part # MPQ5480
Description  Integrated Charger with 5V/100mA DCDC Synchronous Regulator
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MPQ5480 Datasheet(HTML) 9 Page - Monolithic Power Systems

Back Button MPQ5480 Datasheet HTML 5Page - Monolithic Power Systems MPQ5480 Datasheet HTML 6Page - Monolithic Power Systems MPQ5480 Datasheet HTML 7Page - Monolithic Power Systems MPQ5480 Datasheet HTML 8Page - Monolithic Power Systems MPQ5480 Datasheet HTML 9Page - Monolithic Power Systems MPQ5480 Datasheet HTML 10Page - Monolithic Power Systems MPQ5480 Datasheet HTML 11Page - Monolithic Power Systems MPQ5480 Datasheet HTML 12Page - Monolithic Power Systems MPQ5480 Datasheet HTML 13Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
MPQ5480 – INTEGRATED CHARGER WITH 5V/100mA DCDC SYNC REGULATOR
MPQ5480 Rev. 1.0
www.MonolithicPower.com
9
3/11/2016
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2016 MPS. All Rights Reserved.
TM
TYPICAL PERFORMANCE CHARACTERISTICS
VBATT = 3.8V, VCH=5V, RICHG=2.49kΩ, L=10µH, CIN= 10µF, COUT=10µF, TA=+30ºC, unless otherwise
noted.
Charger Section
End of Charge
Ramp up VBATT
Full Charge Cycle
Ramp up VBATT
Dead Battery Detection
Keep VBATT = 2.5V for ~7 minutes
VCH Plug In when DC/DC
Working
Charger Thermal Shutdown
& Recovery
Open Battery
VCH
2V/div.
VBATT
2V/div.
ICHG
50mA/div.
VCH
2V/div.
VBATT
2V/div.
ICHG
50mA/div.
VCH
2V/div.
VBATT
2V/div.
ICHG
50mA/div.
VCH
2V/div.
VBATT
2V/div.
ICHG
10mA/div.
VCH
2V/div.
VBATT
2V/div.
ICHG
50mA/div.
VCH
2V/div.
VBATT
2V/div.
ICHG
50mA/div.
VCH
2V/div.
VBATT
2V/div.
ICHG
50mA/div.
VCH
2V/div.
VOUT
1V/div.
ICHG
50mA/div.
VCH
2V/div.
VBATT
2V/div.
ICHG
10mA/div.
VCH On
VCH Off
Trickle Charging
VBATT = 2.5V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com