Electronic Components Datasheet Search
  English  ▼

X  

AD5520 Datasheet(PDF) 12 Page - Analog Devices

Part # AD5520
Description  Per Pin Parametric Measurement Unit/Source Measure Unit
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5520 Datasheet(HTML) 12 Page - Analog Devices

Back Button AD5520 Datasheet HTML 8Page - Analog Devices AD5520 Datasheet HTML 9Page - Analog Devices AD5520 Datasheet HTML 10Page - Analog Devices AD5520 Datasheet HTML 11Page - Analog Devices AD5520 Datasheet HTML 12Page - Analog Devices AD5520 Datasheet HTML 13Page - Analog Devices AD5520 Datasheet HTML 14Page - Analog Devices AD5520 Datasheet HTML 15Page - Analog Devices AD5520 Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 20 page
background image
REV. A
–12–
AD5520
Current Ranges
A number of current ranges are possible with the AD5520. The
AM0, AM1, and AM2 pins are digital inputs used to establish
full-scale current range of the PMU.
Table V. Selection of Current Range
AM0
AM1
AM2
Function
Low
Low
Low
Current Range MODE0 (up to 4
µA)
High
Low
Low
Current Range MODE1 (up to 40
µA)
Low
High
Low
Current Range MODE2 (up to 400
µA)
High
High
Low
Current Range MODE3 (up to 4 mA)
Low
Low
High
Current Range MODE4 (External
Buffer Mode)
High
Low
High
Current Range MODE5 (External
Buffer Mode)
Low
High
High
Standby (same as STANDBY = High)
High
High
High
Standby (same as STANDBY = High)
RS Selection
The AD5520 is designed so that the voltage drop across each of
the RS resistors will be less than
±500 mV when maximum current
is flowing through them. To support other current ranges, these
sense resistor values may be changed. A force amplifier can
drive a maximum of 6 mA. It is not recommended to increase
the maximum current above the nominal range.
The two external current ranges use an external buffer to drive the
required current. Our example uses 40 mA and 160 mA ranges.
These ranges can be changed to suit user requirements for a high
current range.
Force Control Amplifier
The force control amplifier requires external capacitors connected
between the COMPOUTx and COMPINx pins. For stability
with large capacitance at the DUT, the largest capacitance value
(3000 pF) should be selected. The force control amplifier should
always contribute the dominant pole in the control loop. Set-
tling times will increase with larger capacitances. ACx inputs
select which external compensation capacitor is used.
Table VI. AC0, AC1 Compensation Capacitor Selection
AC0
AC1
Function
Low
Low
Select External Compensation Capacitor 0
High
Low
Select External Compensation Capacitor 1
Low
High
Select External Compensation Capacitor 2
Comparator Function and Strobing
The AD5520 has an on-board window comparator that pro-
vides two bits of useful information, DUT too low or too high.
CPSEL is the digital input that controls this function, selecting
whether it should compare to the voltage sense or the current
sense amplifier.
Table VII. Comparator Function Select
CPSEL
Function
Low
Compare CPL, CPH to MEASVOUT
High
Compare CPL, CPH to MEASIOUT
After CPSEL has selected which amplifier output is of interest,
logic input CPCK is used to initiate comparator sampling and
update the logic outputs CPOH and CPOL, indicating if the
voltages at MEASIOUT or MEASVOUT have exceeded volt-
ages set at CPL or CPH (thus providing DUT too high or DUT
too low information). A rising edge on
STB is required to clock
the CPOH and CPOL data out.
Table VIII. CPCK Synchronous Logic Outputs
CPOH
Function
Low
MEASVOUT or MEASIOUT < CPH
High
MEASVOUT or MEASIOUT > CPH
CPOL
Function
Low
MEASVOUT or MEASIOUT > CPL
High
MEASVOUT or MEASIOUT < CPL
Clamp Function
Clamp circuitry is also included on chip, allowing the output of
the force amplifier to be clamped in the event of the voltage at
MEASIOUT and MEASVOUT exceeding CLL and CLH. The
clamp circuitry play their role in the event of a short or open
circuit. When in force current range, the voltage clamps protect
the DUT in the event of an open circuit. Likewise, when forcing
a voltage and a short circuit occurs, the current clamps will
protect the DUT in this case. The clamps also function to pro-
tect the DUT in the event of a transient voltage or current spike
that may occur when changing to a different operating mode or
when programming the device to a different current range.
The digital output flags, which indicate a clamp limit has been
hit, are CLHDETECT for the upper clamp and CLLDETECT
output for the lower clamp.
Table IX. Clamp Detect Outputs
CLHDETECT
Function
Low
Upper Clamp Inactive
High
Upper Clamp Active
CLLDETECT
Function
Low
Lower Clamp Inactive
High
Lower Clamp Active
High Current Ranges
With the use of an external high current amplifier, two high
current ranges are possible. The current range values can be
selected as required in the application through appropriate
selection of the sense resistors connected between MEASI5H,
MEASI4H, and MEASIL. When one of these high current
ranges (MODE 4 or MODE 5) is selected via the AMx control
lines, the appropriate QM4 or QM5 output will be enabled.
These outputs can thus be used to control relays connected in
series with the high current amplifier as shown in Figure 8.
Table X. High Current Range Logic Outputs
QM4
QM5
Function
High
Low
Current Range MODE 4 Enable Output
Low
High
Current Range MODE 5 Enable Output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com