Electronic Components Datasheet Search
  English  ▼

X  

AD5520 Datasheet(PDF) 13 Page - Analog Devices

Part # AD5520
Description  Per Pin Parametric Measurement Unit/Source Measure Unit
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5520 Datasheet(HTML) 13 Page - Analog Devices

Back Button AD5520 Datasheet HTML 9Page - Analog Devices AD5520 Datasheet HTML 10Page - Analog Devices AD5520 Datasheet HTML 11Page - Analog Devices AD5520 Datasheet HTML 12Page - Analog Devices AD5520 Datasheet HTML 13Page - Analog Devices AD5520 Datasheet HTML 14Page - Analog Devices AD5520 Datasheet HTML 15Page - Analog Devices AD5520 Datasheet HTML 16Page - Analog Devices AD5520 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
REV. A
AD5520
–13–
CIRCUIT OPERATION
Force Voltage
Most PMU measurements are performed while in force voltage
and measure current modes, for example, when the device is
used as a device power supply, or in continuity or leakage
testing. In the force voltage mode, the voltage at analog input
FIN is mapped directly to the voltage forced at the DUT.
When in force voltage and measure current modes, the maxi-
mum voltage applied to the input corresponds to the maximum
current outputs. Figure 4 shows the transfer function when forcing
a voltage.
VDUT
VCLH
RS
16
RDUT
VCLL
RS
16
RDUT
VCLH
RS
16
IDUT
VCLH
VCLH
VFIN
VFIN
VCLL
RS
16
Figure 4. Voltage Force Transfer Function
Measure Current
Figure 5 shows a simplified diagram of the PMU when in force
voltage mode. The control loop consists of the force amplifier
with the voltage sense amplifier making up the feedback path.
Current flowing through the DUT is measured by sensing the
current flowing through a selectable sense resistor, which is in
series with the DUT. The current sense amplifier (Gain = 16)
generates a voltage at its output, which is proportional to the
current flowing through the DUT. This voltage is compared to
the CLL and CLH levels to ensure the clamp voltages have not
been exceeded. Strobing CPCK and
STB will provide information
about the voltage level with respect to the comparator levels,
CPH and CPL.
MEASIHx
MEASIL
G =
16
MEASVH
MEASVL
G =
1
FOHx
RS
RDUT
FIN
VMEASIOUT
VMEASVOUT
CLH
CLL
VCLL
VCLH
VFIN
CONDITION
OUTPUT
VDUT = VFIN
VDUT = VCLH
VDUT = VCLL
VCLH > IDUT
RS
16
VCLL < IDUT
RS
16
VCLH < IDUT
RS
16
VCLL < IDUT
RS
16
VCLH > IDUT
RS
16
VCLL > IDUT
RS
16
REFGNDI/V
V
V
Figure 5. Voltage Force, Measure Current Mode
Force Current
In the force current mode, the voltage at FIN is now converted
to a current through the following relationship:
Force Current
V
R
FIN
SENSE
=
/
Figure 6 shows a simplified diagram of the PMU when in
force current mode. The control loop consists of the force
amplifier with the current sense amplifier making up the feed-
back path. In this case, voltage at the DUT is sensed across
the voltage measure amplifier (Gain = 1) and presented at
the MEASVOUT output.
MEASIHx
MEASIL
G =
16
MEASVH
MEASVL
G =
1
FOHx
RS
RDUT
FIN
VMEASIOUT
VMEASVOUT
CLH
CLL
VCLL
VCLH
VFIN
REFGNDI/V
CONDITION
OUTPUT
IDUT =
VCLH > VDUT
VCLL < VDUT
VFIN
RS
IDUT =
VCLH
RS
IDUT =
VCLL
RS
VCLH < VDUT
VCLL < VDUT
VCLH > VDUT
VCLL > VDUT
V
V
Figure 6. Current Force, Voltage Measure Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com