Electronic Components Datasheet Search
  English  ▼

X  

AD5520 Datasheet(PDF) 2 Page - Analog Devices

Part # AD5520
Description  Per Pin Parametric Measurement Unit/Source Measure Unit
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5520 Datasheet(HTML) 2 Page - Analog Devices

  AD5520 Datasheet HTML 1Page - Analog Devices AD5520 Datasheet HTML 2Page - Analog Devices AD5520 Datasheet HTML 3Page - Analog Devices AD5520 Datasheet HTML 4Page - Analog Devices AD5520 Datasheet HTML 5Page - Analog Devices AD5520 Datasheet HTML 6Page - Analog Devices AD5520 Datasheet HTML 7Page - Analog Devices AD5520 Datasheet HTML 8Page - Analog Devices AD5520 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
REV. A
–2–
AD5520–SPECIFICATIONS
(AVCC = +15 V
5%, AVEE = –15 V
5%, DVDD = 5 V
10%, AGND = 0 V, REFGND = 0 V,
DGND = 0 V. All specifications 0 C to 70 C, unless otherwise noted.)
Parameter
Min
Typ
1
Max
Unit
Test Conditions/Comments
VOLTAGE FORCE MODE
Force Control Output Voltage Range
11
V
RLOAD = 10 k
Ω, CLOAD = 50 pF
FOH Output Impedance
70
Ω
FOH0
2.5
k
Ω
FOH1
3
k
Ω
FOH2
500
Ω
FOH3
60
Ω
Input Offset Error
1
5mV
Gain Error
1
%
Clamp Voltage Error
2
1% FS
of FIN
CURRENT MEASURE/FORCE
Set with external sense resistors
FOH0
±4
µA
MODE0, RS = 125 k
Ω
FOH1
±40
µA
MODE1, RS = 12.5 k
Ω
FOH2
±400
µA
MODE2, RS = 12.5 k
Ω
FOH3
±4mA
MODE3, RS = 125
Ω
CURRENT MEASURE MODE
High Sense Input Range, VMEASIxH
11
V
Linearity
3
0.01
% FSR
+11 V > VFOL > –11 V
Input Bias Current
1
3nA
Input Bias Current Drift
1
50
pA/
°C
Output Offset Error
100
mV
MODE0
100
mV
MODE1
100
mV
MODE2
100
mV
MODE3
Gain Error
0.1
0.35
%
Gain of 16
Gain Error Temperature Coefficient
4
30
µV/°C
MEASIOUT Output Load Current
4mA
CMRR
95
dB
@ DC
CURRENT FORCE MODE
Input Offset Error
10
mV
With MODE0, MODE1, MODE2, MODE3
Gain Error
1
%
Clamp Current Error
2
1% FS
of FIN
VOLTAGE MEASURE MODE
Differential Input Range
11
V
Low Sense Input Voltage Range
100
mV
MEASVL
Linearity
3
+0.005
% FSR
+11 V > VMEASVH to VMEASVL > –11 V
Input Offset Error
5
10
mV
FIN = 0 V, Measured @ MEASVOUT
Input Offset Error Temperature
Coefficient
1
15
mV/
°C
Gain Error
0.03
0.15
%
Gain of 1
Gain Error Temperature Coefficient
4
2
mV/
°C
Input Bias Current
1
3nA
Input Bias Current Drift
4
50
pA/
°C
MEASVOUT Output Load Current
4mA
CMRR
4
73
dB
@ DC
AMPLIFIER SETTLING TIME
4, 5
VSENSE Amp
20
µsTo 0.2%
ISENSE Amp
12
µsTo 0.2%
LOOP SETTLING
4, 5
Settling to within 0.024% of 8 V step
COMPIN2 = 100 pF
450
600
µs
MODE0
285
390
µs
MODE1
170
240
µs
MODE2, MODE3
COMPIN1 = 1000 pF
2
2.5
ms
MODE0
1.8
2.4
ms
MODE1, MODE2, MODE3
COMPIN0 = 3000 pF
5.75
8.7
ms
MODE0, MODE1, MODE2, MODE3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com