| Electronic Components Datasheet Search |
|
AD5520 Datasheet(PDF) 16 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
AD5520 Datasheet(HTML) 16 Page - Analog Devices |
|
16 / 20 page ![]() REV. A –16– AD5520 TYPICAL APPLICATION CIRCUIT Figure 9 shows the AD5520 as it would be used in an ATE system. This device could be used as a per pin parametric unit in order to speed up the rate at which testing could be done. It could also be used as a DUT power supply, as shown in the application circuit. The central PMU shown in the block diagram is usually a highly accurate PMU and is shared among a number of pins in the tester. In general, many discrete levels are required in an ATE system for the pin drivers, comparators, clamps, and active loads. DAC devices, such as the AD5379, offer a highly integrated solution for a number of these levels. The AD5379 is a dense 40-channel DAC designed with high channel requirements, like ATE in mind. The flexible function of the AD5520 also makes it suited for use in instrumentation applications such as source measure units. Source measure units are programmable instruments capable of sourcing and measuring voltage or current simultaneously. The AD5520 provides a more integrated solution in such equipment. EVALUATION BOARD FOR THE AD5520 PMU A full featured evaluation kit is available for the AD5520. It consists of an evaluation board with direct hookup via a 36-way centronics connector to a PC. PC-based software to control the AD5520 is provided as part of the evaluation kit. The evalua- tion board schematic is shown in Figure 10. Note that VDD and VSS must provide sufficient headroom for the force and measure voltage range. In addition to the supply voltages for the evalua- tion board, it is also necessary to provide the following voltage levels for the clamp, comparator, and the force input pin—CLL, CLH, CPL, CPH, and FIN. SMB connections are provided for these voltage inputs. To use the evaluation board, it will also be necessary to provide a DUT connected via the gold pins. Both AGND and DGND inputs are provided on the board. The AGND and DGND planes are connected at one location close to the AD5520. It is recommended not to connect AGND and DGND elsewhere in the system to avoid ground loop prob- lems. REFGND is routed back to AGND at the power block to maintain a clean ground reference for accurate measurements. Each supply is decoupled to the relevant ground plane with 10 F and 0.1 F capacitors. The device supply pin is again decoupled with a 10 F and 0.1 F capacitor pair to the relevant ground plane. Care should be taken when replacing devices to ensure that the pins line up correctly with the PCB pads. CENTRAL PMU ADC DAC TIMING DATA MEMORY TIMING GENERATOR DLL, LOGIC FORMATTER DE-SKEW DAC DAC DAC VTERM DRIVER DAC DAC DAC IOL VH COMP FORMATTER DE-SKEW COMPARE MEMORY DAC ACTIVE LOAD DAC DAC VCOM IOH DAC VTH VTL VCL PPMU ADC DAC DEVICE POWER SUPPLIES ADC DAC GND SENSE GUARD AMP 50 COAX RELAYS DEVICE UNDER TEST (DUT) GUARD AMP VL VCH Figure 9. Typical Application ATE Circuit |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |