Electronic Components Datasheet Search
  English  ▼

X  

TSL26713 Datasheet(PDF) 6 Page - ams AG

Part # TSL26713
Description  Digital Proximity Detector
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

TSL26713 Datasheet(HTML) 6 Page - ams AG

Back Button TSL26713 Datasheet HTML 2Page - ams AG TSL26713 Datasheet HTML 3Page - ams AG TSL26713 Datasheet HTML 4Page - ams AG TSL26713 Datasheet HTML 5Page - ams AG TSL26713 Datasheet HTML 6Page - ams AG TSL26713 Datasheet HTML 7Page - ams AG TSL26713 Datasheet HTML 8Page - ams AG TSL26713 Datasheet HTML 9Page - ams AG TSL26713 Datasheet HTML 10Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 44 page
background image
Page 6
ams Datasheet
Document Feedback
[v1-00] 2016-Jul-12
TSL2671 − Absolute Maximum R atings
Stresses beyond those listed under Absolute Maximum Ratings
may cause permanent damage to the device. These are stress
ratings only, and functional operation of the device at these or
any other conditions beyond those indicated under
Recommended Operating Conditions is not implied. Exposure
to absolute-maximum-rated conditions for extended periods
may affect device reliability.
Figure 5:
Absolute Maximum Ratings Over Operating Free-Air Temperature Range (unless otherwise noted)
Note(s):
1. All voltages are with respect to GND.
Figure 6:
Recommended Operating Conditions
Symbol
Parameter
Min
Max
Units
VDD
(1)
Supply voltage
3.8
V
VO
Digital output voltage range
-0.5
3.8
V
IO
Digital output current
-1
+20
mA
TSTRG
Storage temperature range
-40
85
°C
ESDHBM
ESD tolerance, human body model
±2000
V
Parameter
Min
Nom
Max
Units
Supply voltage, VDD
2.6
3
3.6
V
Supply voltage accuracy, VDD total error including transients
-3
3
%
Operating free-air temperature, TA
-30
70
°C
Absolute Maximum Ratings



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com