Electronic Components Datasheet Search
  English  ▼

X  

TSL26713 Datasheet(PDF) 7 Page - ams AG

Part # TSL26713
Description  Digital Proximity Detector
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

TSL26713 Datasheet(HTML) 7 Page - ams AG

Back Button TSL26713 Datasheet HTML 3Page - ams AG TSL26713 Datasheet HTML 4Page - ams AG TSL26713 Datasheet HTML 5Page - ams AG TSL26713 Datasheet HTML 6Page - ams AG TSL26713 Datasheet HTML 7Page - ams AG TSL26713 Datasheet HTML 8Page - ams AG TSL26713 Datasheet HTML 9Page - ams AG TSL26713 Datasheet HTML 10Page - ams AG TSL26713 Datasheet HTML 11Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 44 page
background image
ams Datasheet
Page 7
[v1-00] 2016-Jul-12
Document Feedback
TSL2671 − Absolute Maximum Ratings
Operating Characteristics
VDD = 3 V, TA = 25°C (unless otherwise noted)
Figure 7:
Operating Characteristics
Symbol
Parameter
Test Conditions
Min
Typ
Max
Unit
IDD
Supply current
Active — LDR pulse off
175
250
μA
Wait mode
65
Sleep mode
2.5
4
VOL
INT, SDA output low voltage
3 mA sink current
0
0.4
V
6 mA sink current
0
0.6
ILEAK
Leakage current, SDA, SCL,
INT pins
−5
5
μA
ILEAK
Leakage current, LDR pin
±10
μA
VIH
SCL, SDA input high voltage
TSL26711, TSL26715
0.7 VDD
V
TSL26713, TSL26717
1.25
VIL
SCL, SDA input low voltage
TSL26711, TSL26715
0.3 VDD
V
TSL26713, TSL26717
0.54



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com