Electronic Components Datasheet Search
  English  ▼

X  

TSL26713 Datasheet(PDF) 11 Page - ams AG

Part # TSL26713
Description  Digital Proximity Detector
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

TSL26713 Datasheet(HTML) 11 Page - ams AG

Back Button TSL26713 Datasheet HTML 7Page - ams AG TSL26713 Datasheet HTML 8Page - ams AG TSL26713 Datasheet HTML 9Page - ams AG TSL26713 Datasheet HTML 10Page - ams AG TSL26713 Datasheet HTML 11Page - ams AG TSL26713 Datasheet HTML 12Page - ams AG TSL26713 Datasheet HTML 13Page - ams AG TSL26713 Datasheet HTML 14Page - ams AG TSL26713 Datasheet HTML 15Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 44 page
background image
ams Datasheet
Page 11
[v1-00] 2016-Jul-12
Document Feedback
TSL2671 − Typical Characteristics
Figure 12:
Spectral Responsivity
Figure 13:
LDR Output Compliance
Typical Characteristics
λ − Wavelength − nm
0
400
0.2
0.4
0.6
0.8
1
500
600
700
800
900
1000 1100
300
Ch 0
Ch 1
25 mA
12.5 mA
VOL − Output Low Voltage − V
12.5
25
37.5
50
62.5
75
87.5
100
112.5
0
0
0.3
0.6
0.9
1.2
50 mA
100 mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com