Electronic Components Datasheet Search
  English  ▼

X  

TSL26713 Datasheet(PDF) 36 Page - ams AG

Part # TSL26713
Description  Digital Proximity Detector
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

TSL26713 Datasheet(HTML) 36 Page - ams AG

Back Button TSL26713 Datasheet HTML 32Page - ams AG TSL26713 Datasheet HTML 33Page - ams AG TSL26713 Datasheet HTML 34Page - ams AG TSL26713 Datasheet HTML 35Page - ams AG TSL26713 Datasheet HTML 36Page - ams AG TSL26713 Datasheet HTML 37Page - ams AG TSL26713 Datasheet HTML 38Page - ams AG TSL26713 Datasheet HTML 39Page - ams AG TSL26713 Datasheet HTML 40Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 44 page
background image
Page 36
ams Datasheet
Document Feedback
[v1-00] 2016-Jul-12
TSL2671 − Manufacturing Information
Soldering Information
The FN package has been tested and has demonstrated an
ability to be reflow soldered to a PCB substrate. The process,
equipment, and materials used in these test are detailed below.
The solder reflow profile describes the expected maximum heat
exposure of components during the solder reflow process of
product on a PCB. Temperature is measured on top of
component. The components should be limited to a maximum
of three passes through this solder reflow profile.
Figure 42:
Solder Reflow Profile
Figure 43:
Solder Reflow Profile Graph
Parameter
Reference
Device
Average temperature gradient in preheating
2.5°C/s
Soak time
tsoak
2 to 3 minutes
Time above 217°C (T1)t1
Max 60 s
Time above 230°C (T2)
t2
Max 50 s
Time above Tpeak −10°C (T3)t3
Max 10 s
Peak temperature in reflow
Tpeak
260°C
Temperature gradient in cooling
Max −5°C/s
Manufacturing Information
t3
t2
t1
tsoak
T3
T2
T1
Tpeak
Not to scale — for reference only
Time (s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com