Electronic Components Datasheet Search
  English  ▼

X  

TSL26713 Datasheet(PDF) 27 Page - ams AG

Part # TSL26713
Description  Digital Proximity Detector
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

TSL26713 Datasheet(HTML) 27 Page - ams AG

Back Button TSL26713 Datasheet HTML 23Page - ams AG TSL26713 Datasheet HTML 24Page - ams AG TSL26713 Datasheet HTML 25Page - ams AG TSL26713 Datasheet HTML 26Page - ams AG TSL26713 Datasheet HTML 27Page - ams AG TSL26713 Datasheet HTML 28Page - ams AG TSL26713 Datasheet HTML 29Page - ams AG TSL26713 Datasheet HTML 30Page - ams AG TSL26713 Datasheet HTML 31Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 44 page
background image
ams Datasheet
Page 27
[v1-00] 2016-Jul-12
Document Feedback
TSL2671 − Register Description
Configuration Register (0x0D)
The configuration register sets the wait long time.
Figure 31:
Configuration Register
Proximity Pulse Count Register (0x0E)
The proximity pulse count register sets the number of proximity
pulses that will be transmitted. PPULSE defines the number of
pulses to be transmitted at a 62.5-kHz rate.
While the value can be programmed up to 255 pulses, the
practical limit of the device is 32 pulses. It is recommended that
32 or fewer pulses be used to achieve maximum signal-to-noise
ratio.
Figure 32:
Proximity Pulse Count Register
Field
Bits
Description
Reserved
7:2
Reserved. Write as 0.
WLONG
1
Wait Long. When asserted, the wait cycles are increased by a factor 12X from that
programmed in the WTIME register.
Reserved
0
Reserved. Write as 0.
Field
Bits
Description
PPULSE
7:0
Proximity Pulse Count. Specifies the number of proximity pulses to be generated.
6
75
4
2
31
0
CONFIG
Reserved
WLONG
Address
0x0D
Reserved
6
75
4
2
31
0
PPULSE
PPULSE
Address
0x0E



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com