Electronic Components Datasheet Search
  English  ▼

X  

ISL26321 Datasheet(PDF) 7 Page - Renesas Technology Corp

Part # ISL26321
Description  12-bit, 125kSPS Low-power ADCs with Single-ended and Differential Inputs and Multiple Input Channels
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL26321 Datasheet(HTML) 7 Page - Renesas Technology Corp

Back Button ISL26321 Datasheet HTML 3Page - Renesas Technology Corp ISL26321 Datasheet HTML 4Page - Renesas Technology Corp ISL26321 Datasheet HTML 5Page - Renesas Technology Corp ISL26321 Datasheet HTML 6Page - Renesas Technology Corp ISL26321 Datasheet HTML 7Page - Renesas Technology Corp ISL26321 Datasheet HTML 8Page - Renesas Technology Corp ISL26321 Datasheet HTML 9Page - Renesas Technology Corp ISL26321 Datasheet HTML 10Page - Renesas Technology Corp ISL26321 Datasheet HTML 11Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 23 page
background image
ISL26310, ISL26311, ISL26312, ISL26313, ISL26314, ISL26315, ISL26319
FN7549 Rev 3.00
Page 7 of 23
August 18, 2015
PSRR
Power Supply Rejection Ratio
70
dB
DYNAMIC PERFORMANCE
SNR
Signal-to-Noise
Notes: VIN = FS - 0.1dB, fIN = 10kHz
Differential Inputs
73.4
dB
Single-Ended Inputs
73.4
dB
SINAD
Signal-to-Noise + Distortion
Notes: VIN = FS - 0.1dB, fIN = 10kHz
Differential Inputs
73.1
dB
Single-Ended Inputs
73.1
dB
THD
Total Harmonic Distortion
Notes: VIN = FS - 0.1dB, fIN = 10kHz
Differential Inputs
-86
dB
Single-Ended Inputs
-86
dB
SFDR
Spurious-free Dynamic Range
Notes: VIN = FS - 0.1dB
fIN = 20kHz
96
dB
BW
-3dB Input Bandwidth
2.5
MHz
tAD
Sampling Aperture Delay
12
ns
tjit
Sampling Aperture Jitter
25
ps
POWER SUPPLY REQUIREMENTS
VDD
Supply Voltage
2.7
5.25
V
IDD
Supply Current
2.2
3
mA
PD
Power Consumption
Normal Operation
11
15
mW
IPD
Power-down Current
Auto Power-Down Mode
8
50
µA
Istby
Standby Mode Current
Auto Sleep Mode
0.4
mA
DIGITAL INPUTS
VIH
0.7 VDD
V
VIL
0.2 VDD
V
VOH
IOH = -1mA
VDD-0.4
V
VOL
IOL = 1mA
0.2 VDD
V
IIH, IIL
Input Leakage Current
-100
100
nA
Serial Clock Frequency
20
MHz
TIMING SPECIFICATIONS (Note 7)
tSCLK
SCLK Period (in RAC Mode)
50
ns
tSCLK
SCLK Period (in RSC, RDC Modes)
50
200
ns
tDATA
Safe Data Transfer Time After Conversion
State Begins
3.2
µs
tCSB_SCLK CSB Falling Low to SCLK Rising Edge
40
ns
tSDI_SU SDI Setup Time with Respect to Positive
Edge of SCLK
10
ns
tSDI_H
SDI Hold Time with Respect to Positive
Edge of SCLK
10
ns
tSDO_V
SDOUT Valid Time with Respect to
Negative Edge of SCLK
25
ns
tSDOZ_D SDOUT to High Impedance State After CNV
Rising Edge (or last SCLK falling edge)
(Note 8)
85
ns
tACQ
Acquisition Time when Fully Powered Up
800
ns
tACQ
Acquisition Time in Auto Sleep Mode
2.1
µs
Electrical Specifications VREF = VDD V, VDD = 2.7V to 5V, VCM = VDD/2, SCLK = 20MHz and TA = -40°C to +125°C (typical performance
at +25°C), unless otherwise specified. Boldface limits apply over the operating temperature range, -40°C to +125°C. (Continued)
SYMBOL
PARAMETER
TEST LEVEL OR NOTES
MIN
(Note 6)
TYP
MAX
(Note 6)
UNITS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com