Electronic Components Datasheet Search
  English  ▼

X  

ISL26321 Datasheet(PDF) 13 Page - Renesas Technology Corp

Part # ISL26321
Description  12-bit, 125kSPS Low-power ADCs with Single-ended and Differential Inputs and Multiple Input Channels
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL26321 Datasheet(HTML) 13 Page - Renesas Technology Corp

Back Button ISL26321 Datasheet HTML 9Page - Renesas Technology Corp ISL26321 Datasheet HTML 10Page - Renesas Technology Corp ISL26321 Datasheet HTML 11Page - Renesas Technology Corp ISL26321 Datasheet HTML 12Page - Renesas Technology Corp ISL26321 Datasheet HTML 13Page - Renesas Technology Corp ISL26321 Datasheet HTML 14Page - Renesas Technology Corp ISL26321 Datasheet HTML 15Page - Renesas Technology Corp ISL26321 Datasheet HTML 16Page - Renesas Technology Corp ISL26321 Datasheet HTML 17Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 23 page
background image
ISL26310, ISL26311, ISL26312, ISL26313, ISL26314, ISL26315, ISL26319
FN7549 Rev 3.00
Page 13 of 23
August 18, 2015
Analog Inputs
Some members of the ISL26310, ISL26311, ISL26312, ISL26313,
ISL26314, ISL26315 and ISL26319 family feature a fully
differential input with a nominal full-scale range equal to twice
the applied VREF voltage. Those devices with differential inputs
have a nominal full scale range equal to twice the applied VREF
voltage. Each input swings VREF volts (peak-to-peak), 180°
out-of-phase from one another for a total differential input of
2*VREF (refer to Figures 23 and 24).
Differential signaling offers several benefits over a single-ended
input, such as:
• Doubling of the full-scale input range (and therefore the
dynamic range)
• Improved even order harmonic distortion
• Better noise immunity due to common mode rejection
Figure 24 shows the relationship between the reference voltage
and the full-scale differential input range for two different values
of VREF. Note that the common-mode input voltage must be
maintained within ±200mV of VREF/2 for differential inputs.
Those devices with singled-ended inputs have a ground-referenced
peak-to-peak input voltage span equal to the reference voltage.
FIGURE 21. IDEAL TRANSFER CHARACTERISTICS, DIFFERENTIAL INPUT
FIGURE 22. IDEAL TRANSFER CHARACTERISTICS, SINGLE-ENDED INPUT
1LSB = 2•VREF/4096
100...000
100...001
100...010
111...111
000...000
000...001
011...110
011...111
ANALOG INPUT
AIN+ – (AIN–)
–VREF
+ ½LSB
+VREF
– 1½LSB
0V
+VREF
– 1LSB
1LSB = VREF/4096
000...000
000...001
000...010
011...111
100...000
100...001
111...110
111...111
ANALOG INPUT
0 = +½LSB
FS = +VREF – 1LSB
FIGURE 23. DIFFERENTIAL INPUT SIGNALING
ISL2631X/32X
VCM
VREF (P-P)
VREF (P-P)
AIN+
AIN-
FIGURE 24. RELATIONSHIP BETWEEN VREF AND FULL-SCALE
RANGE FOR DIFFERENTIAL INPUTS
3.0
5.0
2.0
1.0
4.0
AIN+
AIN–
2.5Vp-p
VREF = 2.5V
3.0
5.0
2.0
1.0
4.0
AIN+
AIN–
VCM
5Vp-p
VREF = 5V
t
V
t
V
ALLOWABLE VCM RANGE
ALLOWABLE VCM RANGE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com