Electronic Components Datasheet Search
  English  ▼

X  

ISL26321 Datasheet(PDF) 11 Page - Renesas Technology Corp

Part # ISL26321
Description  12-bit, 125kSPS Low-power ADCs with Single-ended and Differential Inputs and Multiple Input Channels
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL26321 Datasheet(HTML) 11 Page - Renesas Technology Corp

Back Button ISL26321 Datasheet HTML 7Page - Renesas Technology Corp ISL26321 Datasheet HTML 8Page - Renesas Technology Corp ISL26321 Datasheet HTML 9Page - Renesas Technology Corp ISL26321 Datasheet HTML 10Page - Renesas Technology Corp ISL26321 Datasheet HTML 11Page - Renesas Technology Corp ISL26321 Datasheet HTML 12Page - Renesas Technology Corp ISL26321 Datasheet HTML 13Page - Renesas Technology Corp ISL26321 Datasheet HTML 14Page - Renesas Technology Corp ISL26321 Datasheet HTML 15Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 23 page
background image
ISL26310, ISL26311, ISL26312, ISL26313, ISL26314, ISL26315, ISL26319
FN7549 Rev 3.00
Page 11 of 23
August 18, 2015
FIGURE 15. SNR AND SINAD vs INPUT FREQUENCY
FIGURE 16. THD vs INPUT FREQUENCY
FIGURE 17. SINGLE-TONE FFT
FIGURE 18. SHORTED INPUT HISTOGRAM
Typical Performance Characteristics
TA = +25°C, VDD = 5V, VREF = 5V, fSAMPLE = 125kHz, fSCLK = 20MHz, unless otherwise specified. (Continued)
55
60
65
70
75
100
1k
10k
100k
1M
INPUT FREQUENCY (Hz)
SNR
SINAD
-100
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
100
1k
10k
100k
1M
INPUT FREQUENCY (Hz)
0
10
203040
50
60
70
FREQUENCY (kHz)
-160
-140
-120
-100
-80
-60
-40
-20
0
SNR: 72.93dB
SINAD: 72.71dB
THD: -85.84dB
SFDR: 96.16dBc
ENOB: 11.79
0
10,000
20,000
30,000
40,000
50,000
60,000
70,000
-3
-2
-1
0
1
2
3
CODE
65,536
CODES
0
CODES
0
CODES



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com