Electronic Components Datasheet Search
  English  ▼

X  

ISL26321 Datasheet(PDF) 12 Page - Renesas Technology Corp

Part # ISL26321
Description  12-bit, 125kSPS Low-power ADCs with Single-ended and Differential Inputs and Multiple Input Channels
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL26321 Datasheet(HTML) 12 Page - Renesas Technology Corp

Back Button ISL26321 Datasheet HTML 8Page - Renesas Technology Corp ISL26321 Datasheet HTML 9Page - Renesas Technology Corp ISL26321 Datasheet HTML 10Page - Renesas Technology Corp ISL26321 Datasheet HTML 11Page - Renesas Technology Corp ISL26321 Datasheet HTML 12Page - Renesas Technology Corp ISL26321 Datasheet HTML 13Page - Renesas Technology Corp ISL26321 Datasheet HTML 14Page - Renesas Technology Corp ISL26321 Datasheet HTML 15Page - Renesas Technology Corp ISL26321 Datasheet HTML 16Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 23 page
background image
ISL26310, ISL26311, ISL26312, ISL26313, ISL26314, ISL26315, ISL26319
FN7549 Rev 3.00
Page 12 of 23
August 18, 2015
Circuit Description
The ISL26310, ISL26311, ISL26312, ISL26313, ISL26314,
ISL26315 and ISL26319 families are of 12-bit ADCs are
low-power Successive Approximation-type (SAR) ADCs with 1-,
2-, 4-, or 8-channels and a choice of single-ended or differential
inputs. The high-impedance buffered input simplifies interfacing
to sensors and external circuitry.
The entire ISL26310, ISL26311, ISL26312, ISL26313, ISL26314,
ISL26315 and ISL26319 families are follows the same base
pinout and differs only in the analog input pins, allowing the user
to replicate the basic board layout across multiple platforms with
a minimum redesign effort.
The simple serial digital interface is compatible with popular
FPGAs and microcontrollers and allows direct conversion control
by the CNV pin.
Functional Description
The ISL26310, ISL26311, ISL26312, ISL26313, ISL26314,
ISL26315 and ISL26319 devices are SAR (Successive
Approximation Register) analog-to-digital converters that use
capacitor-based charge redistribution as their conversion
method.
These devices include an on-chip power-on reset (POR) circuit to
initialize the internal digital logic when power is applied. An
on-chip oscillator provides the master clock for the conversion
logic. The CNV signal controls when the converter enters into its
signal acquisition time (CNV = 0), and when it begins the
conversion sequence after the signal has been captured
(CNV = 1). The converters include a configuration register that
can be accessed via the serial port. The configuration register
has various bits to indicate which channel (where applicable) is
selected, to activate the auto-power-down feature where the ADC
is shut down between conversions, or to output the configuration
register contents along with the data conversion word whenever
a conversion word is read from the serial port. The serial port
supports three different modes of reading the conversion data.
These will be discussed later in this data sheet.
Figures 19 and 20 illustrate simplified representations of the
converter analog section for differential and single-ended inputs,
respectively. During the acquisition phase (CNV = 0) the input
signal is presented to the Cs samples capacitors. To properly
sample the signal, the CNV signal must remain low for the
specified time. When CNV is taken high (CNV = 1), the switches
that connect the sampling capacitors to the input are opened
and the control logic begins the successive approximation
sequence to convert the captured signal into a digital word. The
conversion sequence timing is determined by the on-chip
oscillator.
ADC Transfer Function
The ISL26310, ISL26312, and the ISL26314 feature differential
inputs with output data coding in two's complement format
(see Table 1). The size of one LSB in these devices is
(2*VREF)/4096. Figure 21 illustrates the ideal transfer function for
these devices.
The ISL26311, ISL26313, ISL26315, and ISL26319 feature
single-ended inputs with output coding in binary format
(see Table 2). The size of one LSB in these devices is VREF/4096.
Figure 22 illustrates the ideal transfer function for these devices.
FIGURE 19. ARCHITECTURAL BLOCK DIAGRAM, DIFFERENTIAL INPUT
FIGURE 20. ARCHITECTURAL BLOCK DIAGRAM, SINGLE-ENDED
AIN+
AIN–
VREF
ACQ
CNV
ACQ
ACQ
CNV
CNV
SAR
LOGIC
Buffer
VCM
CNV
ACQ
COMPARATOR
VREF
CS
CS
AIN
VREF
ACQ
CNV
ACQ
ACQ
CNV
CNV
SAR
LOGIC
Buffer
VCM
CNV
ACQ
COMPARATOR
CS
CS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com