Electronic Components Datasheet Search
  English  ▼

X  

ISL26321 Datasheet(PDF) 21 Page - Renesas Technology Corp

Part # ISL26321
Description  12-bit, 125kSPS Low-power ADCs with Single-ended and Differential Inputs and Multiple Input Channels
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL26321 Datasheet(HTML) 21 Page - Renesas Technology Corp

Back Button ISL26321 Datasheet HTML 15Page - Renesas Technology Corp ISL26321 Datasheet HTML 16Page - Renesas Technology Corp ISL26321 Datasheet HTML 17Page - Renesas Technology Corp ISL26321 Datasheet HTML 18Page - Renesas Technology Corp ISL26321 Datasheet HTML 19Page - Renesas Technology Corp ISL26321 Datasheet HTML 20Page - Renesas Technology Corp ISL26321 Datasheet HTML 21Page - Renesas Technology Corp ISL26321 Datasheet HTML 22Page - Renesas Technology Corp ISL26321 Datasheet HTML 23Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 21 / 23 page
background image
FN7549 Rev 3.00
Page 21 of 23
August 18, 2015
ISL26310, ISL26311, ISL26312, ISL26313, ISL26314, ISL26315, ISL26319
Intersil products are manufactured, assembled and tested utilizing ISO9001 quality systems as noted
in the quality certifications found at www.intersil.com/en/support/qualandreliability.html
Intersil products are sold by description only. Intersil may modify the circuit design and/or specifications of products at any time without notice, provided that such
modification does not, in Intersil's sole judgment, affect the form, fit or function of the product. Accordingly, the reader is cautioned to verify that datasheets are
current before placing orders. Information furnished by Intersil is believed to be accurate and reliable. However, no responsibility is assumed by Intersil or its
subsidiaries for its use; nor for any infringements of patents or other rights of third parties which may result from its use. No license is granted by implication or
otherwise under any patent or patent rights of Intersil or its subsidiaries.
For information regarding Intersil Corporation and its products, see www.intersil.com
For additional products, see www.intersil.com/en/products.html
© Copyright Intersil Americas LLC 2012-2015. All Rights Reserved.
All trademarks and registered trademarks are the property of their respective owners.
About Intersil
Intersil Corporation is a leading provider of innovative power management and precision analog solutions. The company's products
address some of the largest markets within the industrial and infrastructure, mobile computing and high-end consumer markets.
For the most updated datasheet, application notes, related documentation and related parts, please see the respective product
information page found at www.intersil.com.
You may report errors or suggestions for improving this datasheet by visiting www.intersil.com/ask.
Reliability reports are also available from our website at www.intersil.com/support
Revision History
The revision history provided is for informational purposes only and is believed to be accurate, but not warranted. Please go to web to make sure you
have the latest Rev.
DATE
REVISION
CHANGE
August 18, 2015
FN7549.3 Updated Ordering Information table on page 3.
Updated About Intersil section.
August 23, 2013
FN7549.2 Updated Figure 22 on page 13, IDEAL TRANSFER CHARACTERISTICS, SINGLE-ENDED INPUT.
Block diagram on page 2, corrected temperature sensor drawing and added an input to the Mux and ADC section.
June 22, 2012
FN7549.1 Added Part Numbers ISL26310, ISL26311, ISL26313 throughout document
Added SOIC Package throughout document
Updated Features List by Removing following bullets:
o 125kSPS Conversion Rate
o Pin-Compatible 2/4-Channel Differential or 4/8-Channel Single-Ended Inputs
o Internal 2.5V Reference
o Available in Popular TSSOP Package
o Pb-Free (RoHS Compliant)
Updated Functional Block Diagram on page 1 by removing voltage reference
Updated Pin Compatible Family by removing ISL264XX PARTS
Updated Pin Description Table to include all parts
Updated conditions in Electrical Spec Table from:
Electrical Specifications VREF+ = VDD(External) V, VDD = 3.3V to 5V, VCM = VDD/2, SCLK = 20MHz...
To:
Electrical Specifications VREF = VDD V, VDD = 2.7V to 5V, VCM = VDD/2, SCLK = 20MHz...
Removed VREFIN specs from Voltage Reference Section
Removed Test Level from tACQ in Auto Power Down Mode
Replaced Figures 3 and 4 DNL and INL
Replaced Figure 17 by changing from single line curve to frequency mode
Rewrote Functional Description Section
January 11, 2012
FN7549.0 Initial Release.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com