Electronic Components Datasheet Search
  English  ▼

X  

EL5421 Datasheet(PDF) 5 Page - Renesas Technology Corp

Part # EL5421
Description  Quad 12MHz Rail-to-Rail Input-Output Buffer
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

EL5421 Datasheet(HTML) 5 Page - Renesas Technology Corp

  EL5421 Datasheet HTML 1Page - Renesas Technology Corp EL5421 Datasheet HTML 2Page - Renesas Technology Corp EL5421 Datasheet HTML 3Page - Renesas Technology Corp EL5421 Datasheet HTML 4Page - Renesas Technology Corp EL5421 Datasheet HTML 5Page - Renesas Technology Corp EL5421 Datasheet HTML 6Page - Renesas Technology Corp EL5421 Datasheet HTML 7Page - Renesas Technology Corp EL5421 Datasheet HTML 8Page - Renesas Technology Corp EL5421 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
EL5421
FN7198 Rev 2.00
Page 5 of 12
August 2, 2007
Typical Performance Curves
FIGURE 1. INPUT OFFSET VOLTAGE DISTRIBUTION
FIGURE 2. INPUT OFFSET VOLTAGE DRIFT
FIGURE 3. INPUT OFFSET VOLTAGE vs TEMPERATURE
FIGURE 4. INPUT BIAS CURRENT vs TEMPERATURE
FIGURE 5. OUTPUT HIGH VOLTGE vs TEMPERATURE
FIGURE 6. OUTPUT LOW VOLTAGE vs TEMPERATURE
400
1200
INPUT OFFSET VOLTAGE (mV)
0
1800
1600
800
200
1400
1000
600
TYPICAL
PRODUCTION
DISTRIBUTION
VS=±5V
TA=25°C
INPUT OFFSET VOLTAGE DRIFT, TCVOS (µV/°C)
10
50
0
70
30
60
40
20
VS=±5V
TYPICAL
PRODUCTION
DISTRIBUTION
0150
0
5
TEMPERATURE (°C)
-5
50
-50
100
10
VS=±5V
0.0
-2.0
2.0
VS=±5V
0
150
TEMPERATURE (°C)
50
-50
100
4.94
4.95
4.93
4.97
4.96
0
150
TEMPERATURE (°C)
50
-50
100
VS=±5V
IOUT=5mA
-4.95
-4.93
-4.97
-4.91
-4.92
-4.94
-4.96
VS=±5V
IOUT=-5mA
0
150
TEMPERATURE (°C)
50
-50
100



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com