Electronic Components Datasheet Search
  English  ▼

X  

EL5421 Datasheet(PDF) 10 Page - Renesas Technology Corp

Part # EL5421
Description  Quad 12MHz Rail-to-Rail Input-Output Buffer
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

EL5421 Datasheet(HTML) 10 Page - Renesas Technology Corp

Back Button EL5421 Datasheet HTML 4Page - Renesas Technology Corp EL5421 Datasheet HTML 5Page - Renesas Technology Corp EL5421 Datasheet HTML 6Page - Renesas Technology Corp EL5421 Datasheet HTML 7Page - Renesas Technology Corp EL5421 Datasheet HTML 8Page - Renesas Technology Corp EL5421 Datasheet HTML 9Page - Renesas Technology Corp EL5421 Datasheet HTML 10Page - Renesas Technology Corp EL5421 Datasheet HTML 11Page - Renesas Technology Corp EL5421 Datasheet HTML 12Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
EL5421
FN7198 Rev 2.00
Page 10 of 12
August 2, 2007
dissipation could easily increase such that the device may
be damaged. Maximum reliability is maintained if the output
continuous current never exceeds ±30mA. This limit is set by
the design of the internal metal interconnects.
Output Phase Reversal
The EL5421 is immune to phase reversal as long as the
input voltage is limited from VS- -0.5V to VS+ +0.5V. Figure
24 shows a photo of the output of the device with the input
voltage driven beyond the supply rails. Although the device's
output will not change phase, the input's overvoltage should
be avoided. If an input voltage exceeds supply voltage by
more than 0.6V, electrostatic protection diodes placed in the
input stage of the device begin to conduct and overvoltage
damage could occur.
Power Dissipation
With the high-output drive capability of the EL5421 buffer, it
is possible to exceed the +125°C 'absolute-maximum
junction temperature' under certain load current conditions.
Therefore, it is important to calculate the maximum junction
temperature for the application to determine if load
conditions need to be modified for the buffer to remain in the
safe operating area.
The maximum power dissipation allowed in a package is
determined according to:
where:
TJMAX = Maximum junction temperature
TAMAX = Maximum ambient temperature
JA = Thermal resistance of the package
PDMAX = Maximum power dissipation in the package
The maximum power dissipation actually produced by an IC
is the total quiescent supply current times the total power
supply voltage, plus the power in the IC due to the loads, or:
when sourcing, and:
when sinking.
Where:
i = 1 to 4 for quad
VS = Total supply voltage
ISMAX = Maximum supply current per channel
VOUTi = Maximum output voltage of the application
ILOADi = Load current
If we set the two PDMAX equations equal to each other, we
can solve for RLOADi to avoid device overheat. Figures 25
and 26 provide a convenient way to see if the device will
overheat. The maximum safe power dissipation can be
found graphically, based on the package type and the
ambient temperature. By using the previous equation, it is a
simple matter to see if PDMAX exceeds the device's power
derating curves. To ensure proper operation, it is important
to observe the recommended derating curves shown in
Figures 25 and 26.
VS=±2.5V
TA=25°C
VIN=6VP-P
1V
10µs
1V
FIGURE 24. OPERATION WITH BEYOND-THE-RAILS INPUT
PDMAX
TJMAX TAMAX
–
JA
---------------------------------------------
=
(EQ. 1)
PDMAX
iV
S
ISMAX V
S+VOUTi 
ILOADi
–
+

=
(EQ. 2)
PDMAX
iV
S
ISMAX V
OUTiVS- 
ILOADi
–
+

=
(EQ. 3)
JEDEC JESD51-7 HIGH EFFECTIVE THERMAL
CONDUCTIVITY TEST BOARD
1
0.9
0.6
0.4
0.3
0.2
0.1
0
0
255075
100
125
AMBIENT TEMPERATURE (°C)
85
870mW
JA =
115
°C
/W
MS
OP
10
0.8
0.5
0.7
FIGURE 25. PACKAGE POWER DISSIPATION vs AMBIENT
TEMPERATURE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com