Electronic Components Datasheet Search
  English  ▼

X  

EL5421 Datasheet(PDF) 8 Page - Renesas Technology Corp

Part # EL5421
Description  Quad 12MHz Rail-to-Rail Input-Output Buffer
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

EL5421 Datasheet(HTML) 8 Page - Renesas Technology Corp

Back Button EL5421 Datasheet HTML 4Page - Renesas Technology Corp EL5421 Datasheet HTML 5Page - Renesas Technology Corp EL5421 Datasheet HTML 6Page - Renesas Technology Corp EL5421 Datasheet HTML 7Page - Renesas Technology Corp EL5421 Datasheet HTML 8Page - Renesas Technology Corp EL5421 Datasheet HTML 9Page - Renesas Technology Corp EL5421 Datasheet HTML 10Page - Renesas Technology Corp EL5421 Datasheet HTML 11Page - Renesas Technology Corp EL5421 Datasheet HTML 12Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
EL5421
FN7198 Rev 2.00
Page 8 of 12
August 2, 2007
FIGURE 19. SMALL SIGNAL OVERSHOOT vs LOAD
CAPACITANCE
FIGURE 20. SETTLING TIME vs STEP SIZE
FIGURE 21. LARGE SIGNAL TRANSIENT RESPONSE
FIGURE 22. SMALL SIGNAL TRANSIENT REPOSNE
Typical Performance Curves
VS=±5V
RL=10k
VIN=±50mV
TA=25°C
50
90
70
30
10
1K
LOAD CAPACITANCE (pF)
100
10
3
1
-3
-1
VS=±5V
RL=10k
CL=12pF
TA=25°C
5
-5
0.1%
0.1%
200
800
SETTLING TIME (ns)
600
0
400
VS=±5V
TA=25°C
RL=10k
CL=12pF
1V
1µs
50mV
200ns
VS=±5V
TA=25°C
RL=10k
CL=12pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com