Electronic Components Datasheet Search
  English  ▼

X  

EL5421 Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # EL5421
Description  Quad 12MHz Rail-to-Rail Input-Output Buffer
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

EL5421 Datasheet(HTML) 1 Page - Renesas Technology Corp

  EL5421 Datasheet HTML 1Page - Renesas Technology Corp EL5421 Datasheet HTML 2Page - Renesas Technology Corp EL5421 Datasheet HTML 3Page - Renesas Technology Corp EL5421 Datasheet HTML 4Page - Renesas Technology Corp EL5421 Datasheet HTML 5Page - Renesas Technology Corp EL5421 Datasheet HTML 6Page - Renesas Technology Corp EL5421 Datasheet HTML 7Page - Renesas Technology Corp EL5421 Datasheet HTML 8Page - Renesas Technology Corp EL5421 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
FN7198 Rev 2.00
Page 1 of 12
August 2, 2007
FN7198
Rev 2.00
August 2, 2007
EL5421
Quad 12MHz Rail-to-Rail Input-Output Buffer
DATASHEET
The EL5421 is a quad, low power, high voltage rail-to-rail
input-output buffer. Operating on supplies ranging from 5V to
15V, while consuming only 500µA per channel, the EL5421
has a bandwidth of 12MHz (-3dB). The EL5421 also
provides rail-to-rail input and output ability, giving the
maximum dynamic range at any supply voltage.
The EL5421 also features fast slewing and settling times, as
well as a high output drive capability of 30mA (sink and
source). These features make the EL5421 ideal for use as
voltage reference buffers in Thin Film Transistor Liquid
Crystal Displays (TFT-LCD). Other applications include
battery power, portable devices and anywhere low power
consumption is important.
The EL5421 is available in a space saving 10 Ld MSOP
package and operates over a temperature range of -40°C to
+85°C.
Pinout
EL5421
(10 LD MSOP)
TOP VIEW
Features
• 12MHz -3dB bandwidth
• Unity gain buffer
• Supply voltage = 4.5V to 16.5V
• Low supply current (per buffer) = 500µA
• High slew rate = 10V/µs
• Rail-to-rail operation
• “Mini” SO package (MSOP)
• Pb-free plus anneal available (RoHS compliant)
Applications
• TFT-LCD drive circuits
• Electronics notebooks
• Electronics games
• Personal communication devices
• Personal digital assistants (PDA)
• Portable instrumentation
• Wireless LANs
• Office automation
• Active filters
• ADC/DAC buffers
1
2
3
4
10
9
8
7
5
6
VOUTA
VINA
VS+
VINB
VOUTB
VOUTD
VIND
VS-
VINC
VOUTC
Ordering Information
PART
NUMBER
PART
MARKING
PACKAGE
PKG. DWG. #
EL5421CY
F
10 Ld MSOP
MDP0043
EL5421CY-T7*
F
10 Ld MSOP
MDP0043
EL5421CY-T13*
F
10 Ld MSOP
MDP0043
EL5421CYZ
(Note)
BCAAA
10 Ld MSOP
(Pb-Free)
MDP0043
EL5421CYZ-T7*
(Note)
BCAAA
10 Ld MSOP
(Pb-Free)
MDP0043
EL5421CYZ-T13*
(Note)
BCAAA
10 Ld MSOP
(Pb-Free)
MDP0043
*Please refer to TB347 for details on reel specifications.
NOTE: Intersil Pb-free plus anneal products employ special Pb-free
material sets; molding compounds/die attach materials and 100%
matte tin plate termination finish, which are RoHS compliant and
compatible with both SnPb and Pb-free soldering operations. Intersil
Pb-free products are MSL classified at Pb-free peak reflow
temperatures that meet or exceed the Pb-free requirements of
IPC/JEDEC J STD-020.
NOT RECOMMENDED FOR NEW DESIGNS
NO RECOMMENDED REPLACEMENT
contact our Technical Support Center at
1-888-INTERSIL or www.intersil.com/tsc


Similar Part No. - EL5421

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL5421 INTERSIL-EL5421 Datasheet
228Kb / 11P
Quad 12MHz Rail-to-Rail Input-Output Buffer
June 14, 2004
EL5421 INTERSIL-EL5421 Datasheet
179Kb / 12P
Quad 12MHz Rail-to-Rail Input-Output Buffer
August 2, 2007
logo
Elantec Semiconductor
EL5421C ELANTEC-EL5421C Datasheet
255Kb / 13P
Quad 12MHz Rail-to-Rail Input-Output Buffer
EL5421CY ELANTEC-EL5421CY Datasheet
255Kb / 13P
Quad 12MHz Rail-to-Rail Input-Output Buffer
logo
Intersil Corporation
EL5421CY INTERSIL-EL5421CY Datasheet
228Kb / 11P
Quad 12MHz Rail-to-Rail Input-Output Buffer
June 14, 2004
More results

Similar Description - EL5421

ManufacturerPart #DatasheetDescription
logo
Elantec Semiconductor
EL5221C ELANTEC-EL5221C Datasheet
263Kb / 13P
Dual 12MHz Rail-to-Rail Input-Output Buffer
EL5421C ELANTEC-EL5421C Datasheet
255Kb / 13P
Quad 12MHz Rail-to-Rail Input-Output Buffer
logo
Intersil Corporation
EL5221 INTERSIL-EL5221 Datasheet
166Kb / 11P
Dual 12MHz Rail-to-Rail Input-Output Buffer
August 2, 2005
EL5421 INTERSIL-EL5421 Datasheet
228Kb / 11P
Quad 12MHz Rail-to-Rail Input-Output Buffer
June 14, 2004
EL5221 INTERSIL-EL5221_07 Datasheet
218Kb / 13P
Dual 12MHz Rail-to-Rail Input-Output Buffer
July 25, 2007
EL5421 INTERSIL-EL5421_07 Datasheet
179Kb / 12P
Quad 12MHz Rail-to-Rail Input-Output Buffer
August 2, 2007
EL5421T INTERSIL-EL5421T Datasheet
263Kb / 13P
12MHz Rail-to-Rail Input-Output Buffer
September 25, 2009
EL5421TIYZ INTERSIL-EL5421TIYZ Datasheet
260Kb / 13P
12MHz Rail-to-Rail Input-Output Buffer
September 25, 2009
logo
Renesas Technology Corp
EL5221 RENESAS-EL5221 Datasheet
602Kb / 13P
Dual 12MHz Rail-to-Rail Input-Output Buffer
EL5421T RENESAS-EL5421T Datasheet
678Kb / 13P
12MHz Rail-to-Rail Input-Output Buffer
September 25, 2009
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com