Electronic Components Datasheet Search
  English  ▼

X  

EL5421 Datasheet(PDF) 7 Page - Renesas Technology Corp

Part # EL5421
Description  Quad 12MHz Rail-to-Rail Input-Output Buffer
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

EL5421 Datasheet(HTML) 7 Page - Renesas Technology Corp

Back Button EL5421 Datasheet HTML 3Page - Renesas Technology Corp EL5421 Datasheet HTML 4Page - Renesas Technology Corp EL5421 Datasheet HTML 5Page - Renesas Technology Corp EL5421 Datasheet HTML 6Page - Renesas Technology Corp EL5421 Datasheet HTML 7Page - Renesas Technology Corp EL5421 Datasheet HTML 8Page - Renesas Technology Corp EL5421 Datasheet HTML 9Page - Renesas Technology Corp EL5421 Datasheet HTML 10Page - Renesas Technology Corp EL5421 Datasheet HTML 11Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
EL5421
FN7198 Rev 2.00
Page 7 of 12
August 2, 2007
FIGURE 13. OUT PUT IMPEDANCE vs FREQUENCY
FIGURE 14. MAXIMUM OUTPUT SWING vs FREQUENCY
FIGURE 15. PSRR vs FREQUENCY
FIGURE 16. INPUT VOLTAGE NOISE SPECTRAL DENSITY vs
FREQUENCY
FIGURE 17. TOTAL HARMONIC DISTORTION + NOISE vs
FREQUENCY
FIGURE 18. CHANNEL SEPARATION vs FREQUENCY
RESPONSE
Typical Performance Curves
0
40
80
120
200
160
TA=25°C
VS=±5V
100K
10M
FREQUENCY (Hz)
1M
10K
0
2
4
12
6
8
10
100K
10M
FREQUENCY (Hz)
1M
10K
VS=±5V
TA=25°C
RL=10k
CL=12pF
DISTORTION <1%
0
80
60
40
20
PSRR+
PSRR-
TA=25°C
VS=±5V
1K
10M
FREQUENCY (Hz)
100K
100
10K
1M
10
100
1
600
1K
100M
FREQUENCY (Hz)
100K
100
10K
1M
10M
0.005
0.008
0.010
0.001
0.003
VS=±5V
RL=10k
VIN=1VRMS
0.006
0.009
0.007
0.004
0.002
100K
FREQUENCY (Hz)
10K
1K
-60
-140
-120
-100
-80
DUAL MEASURED CH A TO B
QUAD MEASURED CH A TO D OR B TO C
OTHER COMBINATIONS YIELD IMPROVED
REJECTION
VS=±5V
RL=10k
VIN=220mVRMS
10K
6M
FREQUENCY (Hz)
1K
100K
1M



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com