Electronic Components Datasheet Search
  English  ▼

X  

EM78P5841 Datasheet(PDF) 3 Page - ELAN Microelectronics Corp

Part # EM78P5841
Description  8 BIT MICROCONTROLLER
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EM78P5841 Datasheet(HTML) 3 Page - ELAN Microelectronics Corp

  EM78P5841 Datasheet HTML 1Page - ELAN Microelectronics Corp EM78P5841 Datasheet HTML 2Page - ELAN Microelectronics Corp EM78P5841 Datasheet HTML 3Page - ELAN Microelectronics Corp EM78P5841 Datasheet HTML 4Page - ELAN Microelectronics Corp EM78P5841 Datasheet HTML 5Page - ELAN Microelectronics Corp EM78P5841 Datasheet HTML 6Page - ELAN Microelectronics Corp EM78P5841 Datasheet HTML 7Page - ELAN Microelectronics Corp EM78P5841 Datasheet HTML 8Page - ELAN Microelectronics Corp EM78P5841 Datasheet HTML 9Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 48 page
background image
EM78P5840/5841/5842
8-bit Micro-controller
__________________________________________________________________________________________________________________________________________________________________
* This specification is subject to change without notice.
1
2004/11/10
V2.6
Table2: the major differences between EM78P5830 and EM78P5840 series:
EM78P5830 series
EM78P5840 series
CID RAM
256 byte
NA
ERIC mode
NA
Under 6M Hz
IRC mode
NA
2M / 4M Hz
WDT source
Crystal or PLL
IRC1
External CNT1 input
NA
Shared with P94
P71 pull high
Internal pull high
External pull high
/RESET pin
/RESET only
Shared with P71
PLLC pin
PLLC only
Shared with P70 and ERCI
XIN, XOUT
Crystal input
Shared with P60 and P61
Table3: the major differences between ICE5840, EM78P5840 and EM785840:
ICE5840
EM78P5840 series
EM785840 series
CID RAM
1024 byte
NA
NA
CID RAM address auto
+1
V
NA
NA
CNT1 (**)
8 bit counter
8 bit counter
8 or 16 (shared with
CNT2) bit counter
CNT2 (**)
V
X
V
STACK
12
8
8
** CNT2 is only exist on EM78P5840/41/42 and EM785840/41/42, CNT2 is un-support on ICE5840.
Table4: Differences between EM78P5840, EM78P5841 and EM78P5842:
EM78P5840
EM78P5841
EM78P5842
Pin count
18
20
24
PWM
X
2 channel
2 channel
IO (MAX)
16
18
22
User Application Note
(Before using this chip, take a look at the following description note, it includes important messages.)
1. There are some undefined bits in the registers. The values in these bits are unpredicted. These
bits are not allowed to use. We use the symbol “-” in the spec to recognize them. A fixed value
must be write in some specific unused bits by software or some unpredicted wrong will occur.
2. You will see some names for the register bits definitions. Some name will be appear very
frequently in the whole spec. The following describes the meaning for the register’s definitions
such as bit type, bit name, bit number and so on.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com