Electronic Components Datasheet Search
  English  ▼

X  

EM78P5841 Datasheet(PDF) 39 Page - ELAN Microelectronics Corp

Part # EM78P5841
Description  8 BIT MICROCONTROLLER
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EM78P5841 Datasheet(HTML) 39 Page - ELAN Microelectronics Corp

Back Button EM78P5841 Datasheet HTML 35Page - ELAN Microelectronics Corp EM78P5841 Datasheet HTML 36Page - ELAN Microelectronics Corp EM78P5841 Datasheet HTML 37Page - ELAN Microelectronics Corp EM78P5841 Datasheet HTML 38Page - ELAN Microelectronics Corp EM78P5841 Datasheet HTML 39Page - ELAN Microelectronics Corp EM78P5841 Datasheet HTML 40Page - ELAN Microelectronics Corp EM78P5841 Datasheet HTML 41Page - ELAN Microelectronics Corp EM78P5841 Datasheet HTML 42Page - ELAN Microelectronics Corp EM78P5841 Datasheet HTML 43Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 48 page
background image
EM78P5840/5841/5842
8-bit Micro-controller
__________________________________________________________________________________________________________________________________________________________________
* This specification is subject to change without notice.
37
2004/11/10
V2.6
POR reset voltage is influenced in process or temperature. For some application, a constant reset voltage is
important. Next circuit will support a adjust reset voltage. By adjusting R41 and R46, POR reset voltage will be a
constant (Vpor) and the potential on /RESET pin will drop to 0 when VDD drop to below Vpor. Next plot show
the relative between VDD and Vpor. When R41 = 3.9M ohm and R46 = 910K ohm, /RESET will keep to 0 if
VDD is below 2.24V and will active after VDD upper to 2.1V.
C31
104
R42
2M2
R43
330K
S10
RESET
VDD
R44
22M
R41
3M9
RESET
Q3
C1815
Q2
C1815
R46
910K
Fig 16: External power on reset circuit 2
2.24V
2.1V
VDD
T
VDD
/RESET
Fig 17: The relative between VDD and Vpor



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com