Electronic Components Datasheet Search
  English  ▼

X  

EM78P5841 Datasheet(PDF) 32 Page - ELAN Microelectronics Corp

Part # EM78P5841
Description  8 BIT MICROCONTROLLER
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EM78P5841 Datasheet(HTML) 32 Page - ELAN Microelectronics Corp

Back Button EM78P5841 Datasheet HTML 28Page - ELAN Microelectronics Corp EM78P5841 Datasheet HTML 29Page - ELAN Microelectronics Corp EM78P5841 Datasheet HTML 30Page - ELAN Microelectronics Corp EM78P5841 Datasheet HTML 31Page - ELAN Microelectronics Corp EM78P5841 Datasheet HTML 32Page - ELAN Microelectronics Corp EM78P5841 Datasheet HTML 33Page - ELAN Microelectronics Corp EM78P5841 Datasheet HTML 34Page - ELAN Microelectronics Corp EM78P5841 Datasheet HTML 35Page - ELAN Microelectronics Corp EM78P5841 Datasheet HTML 36Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 48 page
background image
EM78P5840/5841/5842
8-bit Micro-controller
__________________________________________________________________________________________________________________________________________________________________
* This specification is subject to change without notice.
30
2004/11/10
V2.6
VII.9_1 Code Option
EM78P5840 CODE Option Register
12
11
10
9
8
7
6
5
4
3
2
1
0
IR3 IR2 IR1 IR0 P71S P70S OSCM1 OSCM0
IRC2S
MER
1
1
/POT0
Bit 0 (/POT0): program ROM protect option.
If set 1 to the bit, program memory can be access; else if clear this bit , program memory can not be
access.
Bit 3(MER) : Memory error recover function
0
disable memory error recover function
1
enable memory error recovery function
If user enable memory error recovery function, MCU will improve effect from environment noise.
Bit 4 (IRC2S): Internal RC oscillating frequency (for system CLK) select.
0
2M Hz
1
4M Hz
Bit5~Bit6 (OSCM0~OSCM1): EM78P5840 oscillating mode select.
OSCM1
OSCM0
Oscillating mode
0
0
IRC mode
0
1
ERIC mode
1
X
Crystal mode
Bit 7 (P70S): PORT70 function select bit:
OSCM1
OSCM0
P70S
PORT70 status
0
0
X
General Purpose IO
0
1
X
OSC input, please cascade resister to AVDD
1
X
1
PLLC output, please cascade capacitor to AVSS
1
X
0
General Purpose IO, PLL function will disable
Bit 8 (P71S): PORT71 function select bit:
0
/RESET pin selected..
1
General purpose INPUT port “PORT71” selected
Bit 9~ Bit12 (IR0~IR3): By setting IR0~IR3, IRC mode’s oscillating frequency can be adjust. Next table
show the trimming code table of IRC frequency.
IR3~IR0
Frequency
0000
1.05*F
0001
1.10*F
0010
1.15*F
0011
1.20*F
0100
1.25*F
0101
1.30*F
0110
1.35*F
0111
1.40*F
1000
0.65*F
1001
0.70*F
1010
0.75*F
1011
0.80*F
1100
0.85*F
1101
0.90*F
1110
0.95*F
1111
1.0*F
* ”F” means the frequency of IRC output.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com