Electronic Components Datasheet Search
  English  ▼

X  

EM78P5841 Datasheet(PDF) 8 Page - ELAN Microelectronics Corp

Part # EM78P5841
Description  8 BIT MICROCONTROLLER
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EM78P5841 Datasheet(HTML) 8 Page - ELAN Microelectronics Corp

Back Button EM78P5841 Datasheet HTML 4Page - ELAN Microelectronics Corp EM78P5841 Datasheet HTML 5Page - ELAN Microelectronics Corp EM78P5841 Datasheet HTML 6Page - ELAN Microelectronics Corp EM78P5841 Datasheet HTML 7Page - ELAN Microelectronics Corp EM78P5841 Datasheet HTML 8Page - ELAN Microelectronics Corp EM78P5841 Datasheet HTML 9Page - ELAN Microelectronics Corp EM78P5841 Datasheet HTML 10Page - ELAN Microelectronics Corp EM78P5841 Datasheet HTML 11Page - ELAN Microelectronics Corp EM78P5841 Datasheet HTML 12Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 48 page
background image
EM78P5840/5841/5842
8-bit Micro-controller
__________________________________________________________________________________________________________________________________________________________________
* This specification is subject to change without notice.
6
2004/11/10
V2.6
VI. Pin Descriptions
PIN
I/O
DESCRIPTION
POWER
AVDD
POWER
Power
AVSS
POWER
Ground
CLOCK
XIN
I
Input pin for 32.768 kHz oscillator
XOUT
O
Output pin for 32.768 kHz oscillator
PLLC
I
Phase loop lock capacitor, connect a capacitor 0.047u to 0.1u to the ground.
OSC
I
ERIC mode clock signal input. This pin is shared with PLLC.
CIN
I
Counter1 external CLK input. This pin is shared with P94.
Note the frequency of the input CLK must less than 1M Hz.
10-bit 8 channel A/D
AD1
I (P90)
ADC input channel 1. Shared with PORT90
AD2
I (P91)
ADC input channel 2. Shared with PORT91
AD3
I (P62)
ADC input channel 3. Shared with PORT62
AD4
I (P63)
ADC input channel 4. Shared with PORT63
AD5
I (P64)
ADC input channel 5. Shared with PORT64
AD6
I (P65)
ADC input channel 6. Shared with PORT65
AD7
I (P92)
ADC input channel 7. Shared with PORT92
AD8
I (P93)
ADC input channel 8. Shared with PORT93
PWM
PWM1
O
Pulse width modulation output
This pin shared with PORTC1
PWM2
O
Pulse width modulation output
This pin shared with PORTC2
IO
P60 ~ P61
I/O
PORT60,1 can be INPUT or OUTPUT port each bit.. These two pins can be
used on ERIC and IRC modes.
P62 ~P65
I/O
PORT6 can be INPUT or OUTPUT port each bit.
P70
I/O
PORT70 can be INPUT or OUTPUT port each bit.
P71
I
PORT71 is INPUT only.
P73~P76
I/O
PORT7 can be INPUT or OUTPUT port each bit.
P90 ~ P97
I/O
PORT9 can be INPUT or OUTPUT port each bit.
PC1 ~ PC2
I/O
PORTC can be INPUT or OUTPUT port each bit.
INT0
(PORT70)
Interrupt sources. Once PORT70 has a falling edge or rising edge signal
(controlled by CONT register), it will generate a interruption.
INT1
(PORT71)
Interrupt sources which has the same interrupt flag. Any pin from PORT71
has a falling edge signal, it will generate a interruption.
INT3
PORT73
Interrupt sources which has the same interrupt flag. Any pin from PORT73
has a falling edge signal, it will generate a interruption.
/RESET
I
Low reset



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com