Electronic Components Datasheet Search
  English  ▼

X  

EM78P5841 Datasheet(PDF) 9 Page - ELAN Microelectronics Corp

Part # EM78P5841
Description  8 BIT MICROCONTROLLER
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EM78P5841 Datasheet(HTML) 9 Page - ELAN Microelectronics Corp

Back Button EM78P5841 Datasheet HTML 5Page - ELAN Microelectronics Corp EM78P5841 Datasheet HTML 6Page - ELAN Microelectronics Corp EM78P5841 Datasheet HTML 7Page - ELAN Microelectronics Corp EM78P5841 Datasheet HTML 8Page - ELAN Microelectronics Corp EM78P5841 Datasheet HTML 9Page - ELAN Microelectronics Corp EM78P5841 Datasheet HTML 10Page - ELAN Microelectronics Corp EM78P5841 Datasheet HTML 11Page - ELAN Microelectronics Corp EM78P5841 Datasheet HTML 12Page - ELAN Microelectronics Corp EM78P5841 Datasheet HTML 13Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 48 page
background image
EM78P5840/5841/5842
8-bit Micro-controller
__________________________________________________________________________________________________________________________________________________________________
* This specification is subject to change without notice.
7
2004/11/10
V2.6
VII. Functional Descriptions
VII.1 Operational Registers
Register configuration
R PAGE registers
Addr R PAGE0
R PAGE1
R PAGE2
R PAGE3
00
Indirect addressing
01
TCC
02
PC
03
Page, Status
04
RAM bank, RSR
05
Program ROM page
PWM control
06
Port6 I/O data
Duty of PWM1
07
Port7 I/O data
ADC MSB output
data
PWM1 control
Duty of PWM1
08
Period of PWM1
09
Port9 I/O data
Duty of PWM2
0A
PLL, Main clock,
WDTE
PWM2 control
Duty of PWM2
0B
ADC
output
data
buffer
Period of PWM2
0C
PortC I/O data
Counter1 data
0D
0E
Interrupt flag
0F
Interrupt flag
10
:
1F
16 bytes
Common registers
20
Bank0
Bank1
Bank2
Bank3
:
Common registers
3F
(32x8
for
each
bank)
*Address 00~0F with page0~page3 are special registers. Address 10~1F are global with general purpose memory. By
setting MOV instruction, MCU can read or write these register directly and RAM bank select bits (RB1, RB0 in R4
page0) will be ignored. Address 20~ 3F are general purpose RAM too, but user must indicate the bank number before
access data.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com