Electronic Components Datasheet Search
  English  ▼

X  

ISL5586FCMZ Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # ISL5586FCMZ
Description  Low Power Ringing SLIC for Home Gateways
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL5586FCMZ Datasheet(HTML) 3 Page - Renesas Technology Corp

  ISL5586FCMZ Datasheet HTML 1Page - Renesas Technology Corp ISL5586FCMZ Datasheet HTML 2Page - Renesas Technology Corp ISL5586FCMZ Datasheet HTML 3Page - Renesas Technology Corp ISL5586FCMZ Datasheet HTML 4Page - Renesas Technology Corp ISL5586FCMZ Datasheet HTML 5Page - Renesas Technology Corp ISL5586FCMZ Datasheet HTML 6Page - Renesas Technology Corp ISL5586FCMZ Datasheet HTML 7Page - Renesas Technology Corp ISL5586FCMZ Datasheet HTML 8Page - Renesas Technology Corp ISL5586FCMZ Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
ISL5586
FN4924 Rev 2.00
Page 3 of 20
Nov 3, 2004
Absolute Maximum Ratings TA = 25oC
Thermal Information
Maximum Supply Voltages
VCC . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -0.5V to +7V
VCC - VBAT . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .110V
ESD (Human Body Model) . . . . . . . . . . . . . . . . . . . . . . . . . . 500V
Maximum Tip/Ring Negative Voltage Pulse (Note 7) . . . . . .VBH-15V
Maximum Tip/Ring Positive Voltage Pulse (Note 7). . . . . . . . . . + 8V
Operating Conditions
Temperature Range
Industrial. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -40oC to 85oC
Positive Power Supply (VCC). . . . . . . . . . . . . . . . . . . . . . . . . . . .+5V
Negative Power Supply (VBH, VBL). . . . . . . . . . . . . . -100V to -24V
Thermal Resistance (Typical, Note 1)
JA (oC/W)
PLCC Package. . . . . . . . . . . . . . . . . . . . . . . . . . . . .
53
Maximum Junction Temperature Plastic . . . . . . . . . . . . . . . . .150oC
Maximum Storage Temperature Range . . . . . . . . . . -65oC to 150oC
Maximum Lead Temperature (Soldering 10s) . . . . . . . . . . . . .300oC
(PLCC - Lead Tips Only)
Die Characteristics
Substrate Potential . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -VBH
Process . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Bipolar-DI
CAUTION: Stresses above those listed in “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress only rating and operation of the
device at these or any other conditions above those indicated in the operational sections of this specification is not implied.
NOTE:
1.
JA is measured with the component mounted on a low effective thermal conductivity test board in free air. See Tech Brief TB379 for details.
Electrical Specifications
Unless Otherwise Specified, TA = -40oC to 85oC, VBL = -24V, VBH = -100V, VCC = +5V, AGND = BGND = 0V,
loop current limit = 25mA. All AC Parameters are specified at 600
, 2-wire terminating impedance over the
frequency band of 300Hz to 3.4kHz. Protection resistors = 0
. These parameters apply generically to each
product offering.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNITS
RINGING PARAMETERS
VRSP Input Impedance (Note 2)
35
-
-
M
VRSM input impedance (Note 2)
10
-
-
M
Differential Ringing Gain (Note 3)
VRS to 2-Wire, RLOAD = REN
-
99.5
-
V/V
Ringing voltage Total Distortion
RL = 1.3 k, VT-R = |VBH| -5
-
0.8
5
%
4-Wire to 2-Wire Ringing Off Isolation
Forward Active Mode, Referenced to VRS Input.
-
100
-
dB
2-Wire to 4-Wire Transmit Isolation
Ringing Mode Referenced to the Differential
Ringing Amplitude.
-
100
-
dB
Centering Voltage Accuracy
Tip, Referenced to VBH/2 + 0.5V
-3.0
0.2
3.0
V
Ring, Referenced to VBH/2 + 0.5V
-3.0
0.2
3.0
V
AC TRANSMISSION PARAMETERS
Receive Input Impedance, VRXP (Note 2)
379
541
-
k
Receive input Impedance, VRXM (Note 2)
100
142
-
k
Transmit Output Impedance (Note 2)
DC
-
0.01
-
Transmit Output Drive Capability (Note 2)
Current
0.30
1.0
-
mA
Capacitance to Ground
-
1.0
100
pF
4-Wire Port Overload Level
THD = 1%
3.1
3.5
-
VPEAK
2-Wire Port Overload Level
THD = 1%
3.1
3.5
-
VPEAK
2-Wire Return Loss (Note 2)
200Hz
 f  1kHz
-
35
-
dB
1kHz
 f  3.4kHz
-
23
-
dB
Longitudinal Current Capability per Wire (Note 2)
False Detect
20
--
mARMS
False Detect in Low Power Standby
10
-
-
mARMS
2-Wire Longitudinal Balance (ON-Hook and OFF-Hook)
(Notes 4, 5)
200Hz, 500Hz, 1000Hz
58
61
-
dB
3000Hz
53
61
-
dB
4-Wire Longitudinal Balance (ON-Hook and OFF-Hook)
(Notes 4, 5)
200Hz, 500Hz, 1000Hz
58
64
-
dB
3000Hz
53
62
-
dB
4-Wire to 2-Wire Insertion Loss
0dBmo at 1kHz
2.72
2.92
3.12
dB
2-Wire to 4-Wire Insertion Loss
0dBmo at 1kHz
-0.2
0
0.2
dB
4-Wire to 4-Wire Insertion Loss
0dBmo at 1kHz
2.72
2.92
3.12
dB
Frequency Response, On Hook, 2-Wire to 4-Wire, 4-Wire
to 2-Wire, 4-Wire to 4-Wire
Referenced to 0dBmo at 1004Hz,
400Hz
 f 2800Hz
-0.15
0.03
0.15
dB
Frequency Response, Off Hook
2-Wire to 4-Wire, 4-Wire to 2-Wire, 4-Wire to 4-Wire
Referenced to 0dBmo at 1004Hz, f = 400Hz,
2800Hz
-0.15
0.03
.15
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com