Electronic Components Datasheet Search
  English  ▼

X  

ISL5586FCMZ Datasheet(PDF) 19 Page - Renesas Technology Corp

Part # ISL5586FCMZ
Description  Low Power Ringing SLIC for Home Gateways
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL5586FCMZ Datasheet(HTML) 19 Page - Renesas Technology Corp

Back Button ISL5586FCMZ Datasheet HTML 12Page - Renesas Technology Corp ISL5586FCMZ Datasheet HTML 13Page - Renesas Technology Corp ISL5586FCMZ Datasheet HTML 14Page - Renesas Technology Corp ISL5586FCMZ Datasheet HTML 15Page - Renesas Technology Corp ISL5586FCMZ Datasheet HTML 16Page - Renesas Technology Corp ISL5586FCMZ Datasheet HTML 17Page - Renesas Technology Corp ISL5586FCMZ Datasheet HTML 18Page - Renesas Technology Corp ISL5586FCMZ Datasheet HTML 19Page - Renesas Technology Corp ISL5586FCMZ Datasheet HTML 20Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 19 / 20 page
background image
ISL5586
FN4924 Rev 2.00
Page 19 of 20
Nov 3, 2004
Interface Diagram
The figure 15 above shows the electrical interface between
the ISL5586 and the BCM3352. Only a single channel is
shown to simplify the diagram. This diagram only shows
electrical interfaces and pertinent external components
Receive Interface
The receive interface of the BCM3352 is directly coupled to
the ISL5586 differential receive input. External filter
capacitors are provided to minimize noise from the
BCM3352. The ISL5586 is designed with a 4-wire to 2-wire
gain of +2.98dB.
Transmit Interface
The differential transmit output of the ISL5586 is AC coupled
to an external passive network. The external passive
network accomplishes many tasks. First, it filters the noise
which may exist on the CMLEVEL output of the BCM3352.
Second, it biases the ground referenced output signals of
the ISL5586 to the CMLEVEL of the BCM3352. Lastly, the
external network attenuates the signal levels coming from
the ISL5586. The ISL5586 is designed with a 2-wire to 4-
wire gain of 0dB and a 4-wire to 4-wire gain of +2.98dB.
Ringing Interface
The ISL5586 only passes the ringing signal on VRSP, VRSM
to Tip and ring only during the ringing mode. Therefore, a
single ringing generator as supplied by the BCM3352 drives
all four sets of ringing inputs in the Broadcom reference
design. The ISL5586 is designed with a differential ringing
gain of 100V/V.
Passive Component Values
The passive component values in the Broadcom reference
design may not be reflected by this document. Please refer
to the Broadcom reference design documentation for the
most recent schematic and COM information.
TABLE 2. BASIC APPLICATION CIRCUIT COMPONENT LIST
COMPONENT
VALUE
TOLERANCE
RATING
U1 - Ringing SLIC
ISL5586
N/A
N/A
RTL
17.8k
1%
0.1W
RRT
22.1k
1%
0.1W
RSH
40k
1%
0.1W
RIL
71.5k
1%
0.1W
RS
66.5k
1%
0.1W
RP1,RP2
0
1%
0.1W
CP
Not Populated
20%
10V
CRT, CPOL, CSH
0.47
F
20%
10V
CFB
1.0
F
20%
10V
CDC
4.7
F
20%
10V
CPS1
0.47
F
20%
>100V
CPS2, CPS3
0.1
F
20%
100V
CT1, CT2
4.7
F
CR1, CR2, CR3
3300pF
CX1, CX2, CX3
150pF
D1
1N400X Type with Breakdown > 100V.
D2,D3
1N4935 Type
RP1, RP2
Protection resistor values are application dependent and will be determined by protection
requirements. Standard applications will use
49 per side.
Design Parameters: Ring Trip Threshold = 81mAPEAK, Switch Hook Threshold = 15mA, Loop Current Limit = 24.6mA, Synthesize Device
Impedance = (3*66.5k
/400 = 498.8, protection resistors = 50, impedance across Tip and Ring terminals = 599. Transient current
limit = 100mA.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com