Electronic Components Datasheet Search
  English  ▼

X  

ISL5586FCMZ Datasheet(PDF) 12 Page - Renesas Technology Corp

Part # ISL5586FCMZ
Description  Low Power Ringing SLIC for Home Gateways
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL5586FCMZ Datasheet(HTML) 12 Page - Renesas Technology Corp

Back Button ISL5586FCMZ Datasheet HTML 8Page - Renesas Technology Corp ISL5586FCMZ Datasheet HTML 9Page - Renesas Technology Corp ISL5586FCMZ Datasheet HTML 10Page - Renesas Technology Corp ISL5586FCMZ Datasheet HTML 11Page - Renesas Technology Corp ISL5586FCMZ Datasheet HTML 12Page - Renesas Technology Corp ISL5586FCMZ Datasheet HTML 13Page - Renesas Technology Corp ISL5586FCMZ Datasheet HTML 14Page - Renesas Technology Corp ISL5586FCMZ Datasheet HTML 15Page - Renesas Technology Corp ISL5586FCMZ Datasheet HTML 16Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 20 page
background image
ISL5586
FN4924 Rev 2.00
Page 12 of 20
Nov 3, 2004
The terms tR and tS represent the cadence. The ringing
interval is tR and the silent interval is tS . A typical cadence
ratio tR:tS is 1:2.
The quiescent power of the device in the Ringing mode is
defined in Equation 32.
The total power during the ringing interval is the sum of the
quiescent power and loading power:
For sinusoidal waveforms, the average current, IAVG, is
defined in Equation 34.
The silent interval power dissipation will be determined by
the quiescent power of the selected operating mode.
Forward Loop Back Mode
Overview
The Forward Loop Back mode (FLB, 101) provides test
capability for the SLIC. An internal signal path is enabled
allowing for both DC and AC verification by the connection of
an internal 600 ohm resistor across Tip and Ring. This
internal terminating resistor has a tolerance of
10% at room
temperature. The device is intended to operate from only the
low battery during this mode.
Architecture
When the forward loop back mode is initiated internal
switches connect a 600
 load across the outputs of the Tip
and Ring amplifiers as shown below.
DC Verification
When the internal signal path is provided, DC current will
flow from Tip to Ring. The DC current will force DET low,
indicating the presence of loop current. In addition to
verifying device functionality, toggling the logic output
verifies the interface to the system controller.
AC Verification
The entire AC loop of the device is active during the forward
loop back mode. Therefore a 4-wire to 4-wire level test
capability is provided. Depending on the transhybrid balance
implementation, test coverage is provided by a one or two
step process.
System architectures which cannot disable the transhybrid
function would require a two step process. The first step
would be to send a test tone to the device while on hook and
not in forward loop back mode. The return signal amplitude
would be the test signal amplitude times the gain of the
transhybrid amplifier. Since the device would not be
terminated in the on hook mode, cancellation would not
occur. The second step would be to program the device to
FLB mode and resend the test tone. The return signal would
be much lower in amplitude than the first step, indicating the
device was active and the internal termination attenuated the
return signal.
System architectures which can disable the transhybrid
function would achieve test coverage with a signal step.
Once the transhybrid function is disabled the SLIC can be
programmed to the FLB mode and the test tone can be sent.
The return signal level is determined by the 4-wire to 4-wire
gain of the SLIC times the amplitude of the signal sent.
Tip Open/Ground Start Mode
Overview
The Tip Open mode (TO, 110) is intended for compatibility
with PBX type interfaces. The device does not provide
transmission capability in this mode which is intended for idle
line conditions. Loop supervision is provided by the switch
hook detector and either high or low battery operation is
supported.
Functionality
During Tip Open operation, the Tip switch is disabled and
the Ring switch is enabled. The minimum Tip impedance is
30k
. The only active path through the device will be
through the Ring switch.
In keeping with the MTU characteristics of the device, Ring
will not exceed -56V when operating from the high battery.
Though MTU does not apply to Tip Open, safety
requirements are satisfied.
PrQ

VBH IBHQ
VBL IBLQ
VCC ICCQ
++
=
(EQ. 32)
Pr
PrQ

VBH IAVG
VRMS
2
ZREN RLOOP
+
------------------------------------------
–
+
=
(EQ. 33)
IAVG
2
---

 VRMS
2
ZREN RLOOP
+
------------------------------------------
=
(EQ. 34)
FIGURE 9. FORWARD LOOP BACK INTERNAL TERMINATION
RING AMP
TIP AMP
RING
TIP
600



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com