Electronic Components Datasheet Search
  English  ▼

X  

ISL5586FCMZ Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # ISL5586FCMZ
Description  Low Power Ringing SLIC for Home Gateways
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL5586FCMZ Datasheet(HTML) 2 Page - Renesas Technology Corp

  ISL5586FCMZ Datasheet HTML 1Page - Renesas Technology Corp ISL5586FCMZ Datasheet HTML 2Page - Renesas Technology Corp ISL5586FCMZ Datasheet HTML 3Page - Renesas Technology Corp ISL5586FCMZ Datasheet HTML 4Page - Renesas Technology Corp ISL5586FCMZ Datasheet HTML 5Page - Renesas Technology Corp ISL5586FCMZ Datasheet HTML 6Page - Renesas Technology Corp ISL5586FCMZ Datasheet HTML 7Page - Renesas Technology Corp ISL5586FCMZ Datasheet HTML 8Page - Renesas Technology Corp ISL5586FCMZ Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
ISL5586
FN4924 Rev 2.00
Page 2 of 20
Nov 3, 2004
Pinout
ISL5586 (PLCC)
TOP VIEW
Ordering Information
PART NUMBER
HIGH BATTERY (VBH)
LONGITUDINAL
BALANCE
TEMP.
RANGE (°C)
PACKAGE
PKG.
DWG. #
100V
85V
75V
58dB
53dB
ISL5586FCM

0 to 75
28 Ld PLCC
N28.45
ISL5586FCMZ (Note)

0 to 75
28 Ld PLCC (Pb-free)
N28.45
ISL5586FCMZ-T (Note)

0 to 75
28 Ld PLCC Tape and Reel (Pb-free)
N28.45
ISL5586BIM

-40 to 85
28 Ld PLCC
N28.45
ISL5586BIMZ (Note)

-40 to 85
28 Ld PLCC (Pb-free)
N28.45
ISL5586CIM

-40 to 85
28 Ld PLCC
N28.45
ISL5586CIMZ (Note)

-40 to 85
28 Ld PLCC (Pb-free)
N28.45
ISL5586DIM

-40 to 85
28 Ld PLCC
N28.45
ISL5586DIMZ (Note)

-40 to 85
28 Ld PLCC (Pb-free)
N28.45
NOTE: Intersil Pb-free products employ special Pb-free material sets; molding compounds/die attach materials and 100% matte tin plate termination
finish, which are RoHS compliant and compatible with both SnPb and Pb-free soldering operations. Intersil Pb-free products are MSL classified at
Pb-free peak reflow temperatures that meet or exceed the Pb-free requirements of IPC/JEDEC J STD-020C.
Device Operating Modes
MODE
F2
F1
F0
DET
DESCRIPTION
Low Power Standby (LPS)
0
0
0
SHD
MTU compliant on hook operating mode.
Forward Active (FA)
0
0
1
SHD
MTU compliant and OHT capable on hook mode, off hook loop feed mode.
Unused
0
1
0
n/a
Reserved for internal purposes.
Reverse Active (RA)
0
1
1
SHD
Signalling mode which reverses direction of loop current, otherwise like Forward Active.
Ringing
1
0
0
RTD
Signalling mode used to generate high voltage balanced ringing signal.
Forward Loop Back (FLB)
1
0
1
SHD
Internal loop back mode which connects internal load across Tip and Ring terminals.
Tip Open/Ground Start (TO) 1
1
0
SHD
Signalling mode sets Tip to high impedance state, Ring output still active.
Power Denial (PD)
1
1
1
n/a
Loop disconnect mode which forces both Tip and Ring to high impedance.
RTD
CDCM
-IN
VCC
TL
CDCP
VFB
F2
VRSM
BSEL
F1
F0
DET
VRSP
5
6
7
8
9
10
11
12
13
14 15
16
17
18
1
2
3
4
19
20
21
22
23
24
25
26
27
28



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com