Electronic Components Datasheet Search
  English  ▼

X  

IMX7DCEC Datasheet(PDF) 32 Page - NXP Semiconductors

Part # IMX7DCEC
Description  i.MX 7Dual Family
PDF  158 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

IMX7DCEC Datasheet(HTML) 32 Page - NXP Semiconductors

Back Button IMX7DCEC Datasheet HTML 28Page - NXP Semiconductors IMX7DCEC Datasheet HTML 29Page - NXP Semiconductors IMX7DCEC Datasheet HTML 30Page - NXP Semiconductors IMX7DCEC Datasheet HTML 31Page - NXP Semiconductors IMX7DCEC Datasheet HTML 32Page - NXP Semiconductors IMX7DCEC Datasheet HTML 33Page - NXP Semiconductors IMX7DCEC Datasheet HTML 34Page - NXP Semiconductors IMX7DCEC Datasheet HTML 35Page - NXP Semiconductors IMX7DCEC Datasheet HTML 36Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 158 page
background image
Electrical characteristics
i.MX 7Dual Family of Applications Processors Datasheet, Rev. 5, 07/2017
NXP Semiconductors
32
power saving. For example, the PMIC can change the DCDC rails to PFM mode to reduce the power
consumption.
The power consumption in low power modes is defined in Table 15.
All the power numbers defined in Table 15 are based on typical silicon at 25°C.
4.1.7
USB PHY Suspend current consumption
4.1.7.1
Low Power Suspend Mode
The VBUS Valid comparators and their associated bandgap circuits are enabled by default. Table 16
shows the USB interface current consumption in Suspend mode with default settings.
Table 15. Low Power Measurements
Power rail
System IDLE
Low Power IDLE
SUSPEND
LPSR
Voltage Current Power Voltage Current Power Voltage Current Power Voltage Current Power
(V)
(mA)
(mW)
(V)
(mA)
(mW)
(V)
(mA)
(mW)
(V)
(mA)
(mW)
VDD_ARM
1.0
2.7
2.70
1.0
0.428
0.43
1.0
0.3
0.30
0.0
—
0.00
VDD_SOC
1.0
19.38
19.38
1.0
1.423
1.42
1.0
0.6
0.60
0.0
—
0.00
VDDA_1P8_IN
1.8
3.46
6.23
1.8
0.206
0.37
1.8
0.4
0.72
0.0
—
0.00
VDD_SNVS_IN
3.0
0.006
0.018
3.0
0.005
0.015
3.0
0.006
0.018
3.0
0.003
0.009
VDD_LPSR_IN
1.8
0.04
0.07
1.8
0.041
0.07
1.8
0.039
0.0702
1.8
0.04
0.07
NVCC_GPIO1/2
1.8
0.072
0.13
1.8
0.073
0.13
1.8
0.072
0.13
1.8
0.072
0.13
Total
—
—
28.53
—
—
2.45
—
—
1.84
—
—
0.21
Table 16. USB PHY current consumption with default settings1
1 Low Power Suspend is enabled by setting USBx_PORTSC1 [PHCD]=1 [Clock Disable (PLPSCD)].
VDD_USB_OTG1_3P3_IN
VDD_USB_OTG2_3P3_IN
Current
790 uA
790 uA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com