| Electronic Components Datasheet Search |
|
IMX7DCEC Datasheet(PDF) 10 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
IMX7DCEC Datasheet(HTML) 10 Page - NXP Semiconductors |
|
10 / 158 page ![]() Modules list i.MX 7Dual Family of Applications Processors Datasheet, Rev. 5, 07/2017 NXP Semiconductors 10 eCSPI1 eCSPI2 eCSPI3 eCSPI4 Configurable SPI Connectivity Peripherals Full-duplex enhanced Synchronous Serial Interface, with data rate up to 52 Mbit/s. It is configurable to support Master/Slave modes, four chip selects to support multiple peripherals. EIM NOR-Flash /PSRAM interface Connectivity Peripherals The EIM NOR-FLASH / PSRAM provides: • Support for 16-bit (in Muxed I/O mode only) PSRAM memories (sync and async operating modes), at slow frequency • Support for 16-bit (in muxed and non-muxed I/O modes) NOR-Flash memories, at slow frequency • Multiple chip selects ENET1 ENET2 Ethernet Controller Connectivity peripherals The Ethernet Media Access Controller (MAC) is designed to support 10/100/1000 Mbps Ethernet/IEEE 802.3 networks. An external transceiver interface and transceiver function are required to complete the interface to the media. The module has dedicated hardware to support the IEEE 1588 standard. See the ENET chapter of the i.MX 7Dual Application Processor Reference Manual (IMX7DRM) for details. EPDC Electrophoretic Display Controller Connectivity peripherals The EPDC is a feature-rich, low power, and high-performance direct-drive, active matrix EPD controller. It is specifically designed to drive E Ink™ EPD panels, supporting a wide variety of TFT backplanes. Various levels of flexibility and programmability have been introduced, as well as hardware support for different E Ink image enhancing algorithms, such as Regal D waveform support. FLEXCAN1 FLEXCAN2 Flexible Controller Area Network Connectivity peripherals The CAN protocol was primarily, but not only, designed to be used as a vehicle serial data bus, meeting the specific requirements of this field: real-time processing, reliable operation in the Electromagnetic interference (EMI) environment of a vehicle, cost-effectiveness and required bandwidth. The FlexCAN module is a full implementation of the CAN protocol specification, Version 2.0 B, which supports both standard and extended message frames. FLEXTIMER1 FLEXTIMER2 Flexible Timer Module Timer Peripherals Provide input signal capture and PWM support GPIO1 GPIO2 GPIO3 GPIO4 GPIO5 GPIO6 GPIO7 General Purpose I/O Modules System control peripherals Used for general purpose input/output to external ICs. Each GPIO module supports up to 32 bits of I/O. GPMI General Purpose Memory Interface Connectivity peripherals The GPMI module supports up to 8x NAND devices and 62-bit ECC encryption/decryption for NAND Flash Controller (GPMI2). GPMI supports separate DMA channels for each NAND device. Table 2. i.MX 7Dual modules list(continued) Block Mnemonic Block Name Subsystem Brief Description |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |