| Electronic Components Datasheet Search |
|
IMX7DCEC Datasheet(PDF) 9 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
IMX7DCEC Datasheet(HTML) 9 Page - NXP Semiconductors |
|
9 / 158 page ![]() Modules list i.MX 7Dual Family of Applications Processors Datasheet, Rev. 5, 07/2017 NXP Semiconductors 9 3 Modules list The i.MX 7Dual family of processors contains a variety of digital and analog modules. Table 2 describes these modules in alphabetical order. Table 2. i.MX 7Dual modules list Block Mnemonic Block Name Subsystem Brief Description ADC1 ADC2 Analog to Digital Converter The ADC is a 12-bit general purpose analog to digital converter (ADC2 is not available in the 12x12 package). ARM ARM Platform ARM The ARM Core Platform includes two Cortex-A7 coresand 1x Cortex-M4. It also includes associated sub-blocks, such as the Level 2 Cache Controller, SCU (Snoop Control Unit), GIC (General Interrupt Controller), private timers, watchdog, and CoreSight debug modules. BCH Binary-BCH ECC Processor System control peripherals The BCH module provides up to 62-bit ECC encryption/decryption for NAND Flash controller (GPMI) CAAM Cryptographic accelerator and assurance module Security CAAM is a cryptographic accelerator and assurance module. CAAM implements several encryption and hashing functions, a run-time integrity checker, entropy source generator, and a Pseudo Random Number Generator (PRNG). The pseudo random number generator is certifiable by Cryptographic Algorithm Validation Program (CAVP) of National Institute of Standards and Technology (NIST). CAAM also implements a Secure Memory mechanism. In i.MX 7Dual processors, the security memory provided is 32 KB. CCM GPC SRC Clock Control Module, General Power Controller, System Reset Controller Clocks, resets, and power control These modules are responsible for clock and reset distribution in the system, and also for the system power management. CSI Parallel CSI Multimedia peripherals The CSI IP provides parallel CSI standard camera interface port. The CSI parallel data ports are up to 24 bits. It is designed to support 24-bit RGB888/YUV444, CCIR656 video interface, 8-bit YCbCr, YUV or RGB, and 8-bit/10-bit/16-bit Bayer data input. CSU Central Security Unit security The Central Security Unit (CSU) is responsible for setting comprehensive security policy within the i.MX 7Dual platform. DAP Debug Access Port System control peripherals The DAP provides real-time access for the debugger without halting the core to access: • System memory and peripheral registers • All debug configuration registers The DAP also provides debugger access to JTAG scan chains. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |