Electronic Components Datasheet Search
  English  ▼

X  

IMX7DCEC Datasheet(PDF) 49 Page - NXP Semiconductors

Part # IMX7DCEC
Description  i.MX 7Dual Family
PDF  158 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

IMX7DCEC Datasheet(HTML) 49 Page - NXP Semiconductors

Back Button IMX7DCEC Datasheet HTML 45Page - NXP Semiconductors IMX7DCEC Datasheet HTML 46Page - NXP Semiconductors IMX7DCEC Datasheet HTML 47Page - NXP Semiconductors IMX7DCEC Datasheet HTML 48Page - NXP Semiconductors IMX7DCEC Datasheet HTML 49Page - NXP Semiconductors IMX7DCEC Datasheet HTML 50Page - NXP Semiconductors IMX7DCEC Datasheet HTML 51Page - NXP Semiconductors IMX7DCEC Datasheet HTML 52Page - NXP Semiconductors IMX7DCEC Datasheet HTML 53Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 158 page
background image
Electrical characteristics
i.MX 7Dual Family of Applications Processors Datasheet, Rev. 5, 07/2017
NXP Semiconductors
49
4.6.2
Clock I/O AC parameters—CCM_CLK1_N/CCM_CLK1_P
The differential output transition time waveform is shown in Figure 8.
Table 38. Maximum frequency of operation for output1
1 Maximum frequency value is obtained with lumped capacitor load. If you consider transmission line or SSN noise
effect, it could be worse than suggested value.
Parameter
Maximum frequency (MHz)
VDD = 1.8 V
VDD = 2.5 V
VDD = 3.3 V
DS0
DS1
SR
Driver Type
CL=
5 pF
CL=
10 pF
CL=
40 pF
CL=
5 pF
CL=
10 pF
CL=
40 pF
CL=
5 pF
CL=
10 pF
CL=
40 pF
001
1
× Slow Slew
100
70
259060
20956020
000
1
× Fast Slew
110
75
25
100
65
20
100
65
20
011
2
× Slow Slew
120
100
50
120
100
40
115
95
40
010
2
× Fast Slew
185
145
50
180
130
40
170
130
40
101
4
× Slow Slew
140
125
85
135
120
70
130
115
70
100
4
× Fast Slew
235
200
100
225
195
80
215
185
80
111
6
× Slow Slew
140
125
90
135
120
85
130
115
80
110
6
× Fast Slew
250
225
140
240
215
120
235
205
120



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com