Electronic Components Datasheet Search
  English  ▼

X  

G962 Datasheet(PDF) 2 Page - Global Mixed-mode Technology Inc

Part # G962
Description  2A Low Dropout Regulator with Enable
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GMT [Global Mixed-mode Technology Inc]
Direct Link  http://www.gmt.com.tw
Logo GMT - Global Mixed-mode Technology Inc

G962 Datasheet(HTML) 2 Page - Global Mixed-mode Technology Inc

  G962 Datasheet HTML 1Page - Global Mixed-mode Technology Inc G962 Datasheet HTML 2Page - Global Mixed-mode Technology Inc G962 Datasheet HTML 3Page - Global Mixed-mode Technology Inc G962 Datasheet HTML 4Page - Global Mixed-mode Technology Inc G962 Datasheet HTML 5Page - Global Mixed-mode Technology Inc G962 Datasheet HTML 6Page - Global Mixed-mode Technology Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Ver: 0.8 Preliminary
Apr 01, 2005
TEL: 886-3-5788833
http://www.gmt.com.tw
2
G962
Global Mixed-mode Technology Inc.
Absolute Maximum Ratings
(Note 1)
Input Voltage……………………………….……………7V
VEN Voltage……………………………….………VIN+0.3V
Power Dissipation Internally Limited
(Note 2)
Maximum Junction Temperature.…..………..……150°C
Storage Temperature Range…..….-65°C
≤TJ ≤ +150°C
Reflow Temperature (Soldering, 10 sec)……..…260°C
Thermal Resistance Junction to Ambient, (θJA)
TO-252-5…………………………………………95°C/W
Thermal Resistance Junction to Case, (θJC)
TO-252-5…………………………………………..…..8°C/W
ESD Rating (Human Body Model)……….…………2kV
Operation Conditions
(Note 1)
Input Voltage……………………………………2.2V ~7V
Temperature Range……………......-40°C
≤TA ≤ +85°C
Electrical Characteristics
VEN=VIN, VIN =5V, IO = 0.5A, CIN = 4.7µF, COUT =10µF, TA = TJ = 25°C unless otherwise specified (Note 3)
PARAMETER
SYMBOL
CONDITION
MIN
TYP
MAX
UNIT
Output Voltage
VO
VIN=VO +0.7V, IO=10mA
-2
VO
2
%
Line Regulation
VO+0.7V < VIN < 5.5V, IO=10mA
---
0.2
2
%
Load Regulation
10mA < IO < 2A
---
0.8
2
%
VIN=3.3V,VEN=VIN
---
1.7
2.5
mA
Quiescent Current
IQ
VIN=3.3V,VEN=0V
---
16
35
µA
Ripple Rejection
fi=120Hz, 1VP-P, IO=100mA
---
55
---
dB
Dropout Voltage
VD
IO=2A
---
0.7
0.85
V
Short Circuit Current
---
0.8
---
A
Over Temperature
(Note 4)
---
150
---
°C
VEN Voltage High
VENH
Output Active
1.6
---
---
V
VEN Voltage Low
VENL
Output Disabled
---
---
0.4
V
VEN Bias Current Low
IENL
VEN=0.4V
---
---
20
µA
ADJ Reference Voltage
VREF
VIN=2.2V, VADJ=VOUT, IO=10mA
1.176
1.2
1.224
V
ADJ Pin Threshold
---
0.2
---
V
Note 1: Absolute Maximum Ratings are limits beyond which damage to the device may occur. Operating Con-
ditions are conditions under which the device functions but the specifications might not be guaranteed. For
guaranteed specifications and test conditions see the Electrical Characteristics.
Note2: The maximum power dissipation is a function of the maximum junction temperature, TJmax ; total thermal
resistance,
θJA, and ambient temperature TA. The maximum allowable power dissipation at any ambient
temperature is (Tjmax-TA) / θJA. If this dissipation is exceeded, the die temperature will rise above 150°C
and IC will go into thermal shutdown.
Note3: Low duty pulse techniques are used during test to maintain junction temperature as close to ambient as possible.
Note4: The over temperature point is guarantee by design.
Definitions
Dropout Voltage
The input/output voltage differential at which the regula-
tor output no longer maintains regulation against further
reductions in input voltage. Measured when the output
drops 2% below its nominal value, dropout voltage is
affected by junction temperature, load current and mini-
mum input supply requirements.
Line Regulation
The change in output voltage for a change in input volt-
age. The measurement is made under conditions of low
dissipation or by using pulse techniques such that aver-
age chip temperature is not significantly affected.
Load Regulation
The change in output voltage for a change in load
current at constant chip temperature. The measure-
ment is made under conditions of low dissipation or by
using pulse techniques such that average chip tem-
perature is not significantly affected.
Maximum Power Dissipation
The maximum total device dissipation for which the
regulator will operate within specifications.
Quiescent Bias Current
Current which is used to operate the regulator chip
and is not delivered to the load.
Output Capacitor for Stable Condition
The G962 can be stable for X5R MLCC capacitor lar-
ger than 10µF or POSCAP capacitor larger than 47µF.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com