Electronic Components Datasheet Search
  English  ▼

X  

G962 Datasheet(PDF) 4 Page - Global Mixed-mode Technology Inc

Part # G962
Description  2A Low Dropout Regulator with Enable
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GMT [Global Mixed-mode Technology Inc]
Direct Link  http://www.gmt.com.tw
Logo GMT - Global Mixed-mode Technology Inc

G962 Datasheet(HTML) 4 Page - Global Mixed-mode Technology Inc

  G962 Datasheet HTML 1Page - Global Mixed-mode Technology Inc G962 Datasheet HTML 2Page - Global Mixed-mode Technology Inc G962 Datasheet HTML 3Page - Global Mixed-mode Technology Inc G962 Datasheet HTML 4Page - Global Mixed-mode Technology Inc G962 Datasheet HTML 5Page - Global Mixed-mode Technology Inc G962 Datasheet HTML 6Page - Global Mixed-mode Technology Inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Ver: 0.8 Preliminary
Apr 01, 2005
TEL: 886-3-5788833
http://www.gmt.com.tw
4
G962
Global Mixed-mode Technology Inc.
Typical Characteristics (continued)
1.50
1.55
1.60
1.65
1.70
1.75
1.80
1.85
1.90
1.95
2.00
-25 -15 -5
5 1525 3545 5565 7585
Temperature (°C)
VIN=3.0V
VIN=5.0V
1.764
1.784
1.804
1.824
1.844
1.864
-25 -15 -5
5 1525354555 657585
Temperature (°C)
VIN=3.0V
VIN=5.0V
1.764
1.784
1.804
1.824
1.844
1.864
2.5
3
3.5
4
4.5
5
5.5
6
6.5
7
VIN (V)
IL=10mA
IL=10mA
T=25°C
T=-25°C
T=85°C
0
100
200
300
400
500
600
700
800
900
0
0.5
1
1.5
2
IL (A)
T=
-25°C
T=85°C
T=25°C
Max. Power Dissipation vs. TAMB (still air)
( Different PCB Top Copper Area )
Quiescent Current vs. Temperature
Dropout Voltage vs. Temperature
Output Voltage vs. Temperature
Output Voltage vs. VIN
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
0.5 1.0 1.5 2.0 2.5 3.0 3.5 4.0 4.5 5.0
PCB Top Copper Area (in
2)
TAMB = 25°C ; Still Air
Max. Power Dissipation vs.
PCB Top Copper Area
0
0.5
1
1.5
2
2.5
3
3.5
4
25
35
45
55
65
75
85
TAMB (°C)
A=0.5
A=1.0
A=1.5
A=2.0
A=2.5
A=3.0
A=3.5
A=4.0
A=4.5
A=5.0
Unit: in2



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com