Electronic Components Datasheet Search
  English  ▼

X  

G962 Datasheet(PDF) 1 Page - Global Mixed-mode Technology Inc

Part # G962
Description  2A Low Dropout Regulator with Enable
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GMT [Global Mixed-mode Technology Inc]
Direct Link  http://www.gmt.com.tw
Logo GMT - Global Mixed-mode Technology Inc

G962 Datasheet(HTML) 1 Page - Global Mixed-mode Technology Inc

  G962 Datasheet HTML 1Page - Global Mixed-mode Technology Inc G962 Datasheet HTML 2Page - Global Mixed-mode Technology Inc G962 Datasheet HTML 3Page - Global Mixed-mode Technology Inc G962 Datasheet HTML 4Page - Global Mixed-mode Technology Inc G962 Datasheet HTML 5Page - Global Mixed-mode Technology Inc G962 Datasheet HTML 6Page - Global Mixed-mode Technology Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Ver: 0.8 Preliminary
Apr 01, 2005
TEL: 886-3-5788833
http://www.gmt.com.tw
1
G962
Global Mixed-mode Technology Inc.
2A Low Dropout Regulator with Enable
Features
Adjustable Output from 1.2V to 4.8V Using Ex-
ternal Resistors
1.5V, 1.8V and 2.5V options by Setting ADJ Pin
Below 0.2V
Over current and over temperature protection
500mV dropout @2A
Enable pin
10µA quiescent current in shutdown
Output recovery mode in OTP
Connect ADJ to GND for fixed output mode
TO-252-5 Package
Applications
Battery powered systems
Motherboards
Peripheral cards
Set Top Boxes
Notebook Computers
General Description
The G962 is a high performance positive voltage
regulator designed for use in applications requiring
very low dropout voltage at up to 2 Amps. Since it has
superior dropout characteristics compared to regular
LDOs, it can be used to supply 2.5V on motherboards
or 1.5V, 1.8V on peripheral cards from the 3.3V supply
thus allowing the elimination of costly heatsinks. An
enable pin further reduces power dissipation while
shut down. The G962 provides excellent regulation
over variations in line, load and temperature.
The TO-252-5 is available with 1.5V, 1.8V and 2.5V
internally preset outputs that are also adjustable using
external resistors.
Ordering Information
ORDER NUMBER
ORDER NUMBER
(Pb free)
MARKING
TEMP. RANGE
PACKAGE
G962-15ADJTJU
G962-15ADJTJUf
G962-15
-40°C ~ +85°C
TO-252-5
G962-18ADJTJU
G962-18ADJTJUf
G962-18
-40°C ~ +85°C
TO-252-5
G962-25ADJTJU
G962-25ADJTJUf
G962-25
-40°C ~ +85°C
TO-252-5
Note: TJ:TO-252-5
U : Tape & Reel
e.g. 18 denotes the 1.8V output voltage.
Pin Configuration
Typical Application Circuit
VEN
VIN
VO
C1
47µF
C2
100µF
R1
R2
VEN
VIN
VO
ADJ
GND
G962
1.2 (R1+R2)
VO =
R2
Volts
TO-252-5
Top View
1
3
2
45
EN VIN GND VO ADJ
R2=12k
Ω is recommended
R3
I
ENH
R3 should be connected for current I
ENH
restriction as V
EN > VIN+0.3V
VEN
VIN
VO
C1
47µF
C2
100µF
R1
R2
VEN
VIN
VO
ADJ
GND
G962
1.2 (R1+R2)
VO =
R2
Volts
TO-252-5
Top View
1
3
2
45
EN VIN GND VO ADJ
R2=12k
Ω is recommended
R3
I
ENH
R3 should be connected for current I
ENH
restriction as V
EN > VIN+0.3V


Similar Part No. - G962

ManufacturerPart #DatasheetDescription
logo
Global Mixed-mode Techn...
G962 GMT-G962 Datasheet
533Kb / 11P
2A Low Dropout Regulator with Enable
G962-15ADJTJU GMT-G962-15ADJTJU Datasheet
533Kb / 11P
2A Low Dropout Regulator with Enable
G962-15ADJTJUF GMT-G962-15ADJTJUF Datasheet
533Kb / 11P
2A Low Dropout Regulator with Enable
G962-18ADJTJU GMT-G962-18ADJTJU Datasheet
533Kb / 11P
2A Low Dropout Regulator with Enable
G962-18ADJTJUF GMT-G962-18ADJTJUF Datasheet
533Kb / 11P
2A Low Dropout Regulator with Enable
More results

Similar Description - G962

ManufacturerPart #DatasheetDescription
logo
Global Mixed-mode Techn...
G962 GMT-G962_07 Datasheet
533Kb / 11P
2A Low Dropout Regulator with Enable
logo
Eutech Microelectronics...
EUP7966 EUTECH-EUP7966 Datasheet
396Kb / 11P
2A Low-Dropout Regulator with Enable
logo
Unisonic Technologies
LR18120 UTC-LR18120 Datasheet
346Kb / 8P
2A LOW DROPOUT REGULATOR WITH ENABLE
LR18120 UTC-LR18120_11 Datasheet
391Kb / 8P
2A LOW DROPOUT REGULATOR WITH ENABLE
logo
E-Tech Electronics LTD
LR18120 ETL-LR18120 Datasheet
380Kb / 8P
2A LOW DROPOUT REGULATOR WITH ENABLE
logo
Global Mixed-mode Techn...
G975 GMT-G975 Datasheet
154Kb / 1P
2A Low Dropout Regulator with Enable
G966 GMT-G966 Datasheet
46Kb / 1P
2A Low Dropout Regulator with Enable
G962 GMT-G962_15 Datasheet
75Kb / 1P
2A Low Dropout Regulator with Enable
logo
E-CMOS Corporation
EC8320 E-CMOS-EC8320 Datasheet
1Mb / 16P
2A Low Dropout Regulator with Enable
logo
Unisonic Technologies
LR18120 UTC-LR18120_17 Datasheet
318Kb / 8P
2A LOW DROPOUT REGULATOR WITH ENABLE
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com