Electronic Components Datasheet Search
  English  ▼

X  

G962 Datasheet(PDF) 6 Page - Global Mixed-mode Technology Inc

Part # G962
Description  2A Low Dropout Regulator with Enable
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GMT [Global Mixed-mode Technology Inc]
Direct Link  http://www.gmt.com.tw
Logo GMT - Global Mixed-mode Technology Inc

G962 Datasheet(HTML) 6 Page - Global Mixed-mode Technology Inc

  G962 Datasheet HTML 1Page - Global Mixed-mode Technology Inc G962 Datasheet HTML 2Page - Global Mixed-mode Technology Inc G962 Datasheet HTML 3Page - Global Mixed-mode Technology Inc G962 Datasheet HTML 4Page - Global Mixed-mode Technology Inc G962 Datasheet HTML 5Page - Global Mixed-mode Technology Inc G962 Datasheet HTML 6Page - Global Mixed-mode Technology Inc  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
Ver: 0.8 Preliminary
Apr 01, 2005
TEL: 886-3-5788833
http://www.gmt.com.tw
6
G962
Global Mixed-mode Technology Inc.
Package Information
TO-252-5 (TJ) Package
MILLIMETER
INCH
SYMBOL
MIN.
MAX.
MIN.
MAX.
A
2.19
2.38
0.086
0.094
A1
0.89
1.27
0.035
0.050
b
0.64
0.89
0.025
0.035
C
0.46
0.58
0.018
0.023
D
5.36
5.61
0.211
0.221
E
6.35
6.73
0.250
0.265
E1
5.21
5.46
0.205
0.215
e
1.27BSC
0.050BSC
F
0.46
0.58
0.018
0.023
L
1.40
1.78
0.055
0.070
L1
2.20
2.80
0.087
0.110
L2
1.52
2.03
0.060
0.080
H
9.40
10.40
0.370
0.410
θ
0°
4°
0°
4°
Taping Specification
PACKAGE
Q’TY/REEL
TO-252-5
2,500 ea
GMT Inc. does not assume any responsibility for use of any circuitry described, no circuit patent licenses are implied and GMT Inc. reserves the right at any time without notice to change said circuitry and specifications.
E1
L2
F
A
E
D
L
C
H
A1
θ
b
e
L1
A2
E1
L2
F
A
E
D
L
C
H
A1
θ
b
e
L1
A2
Feed Direction
TO -252-5 P ackage O rientation
Feed Direction
TO -252-5 P ackage O rientation



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com