Electronic Components Datasheet Search
  English  ▼

X  

G962 Datasheet(PDF) 3 Page - Global Mixed-mode Technology Inc

Part # G962
Description  2A Low Dropout Regulator with Enable
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GMT [Global Mixed-mode Technology Inc]
Direct Link  http://www.gmt.com.tw
Logo GMT - Global Mixed-mode Technology Inc

G962 Datasheet(HTML) 3 Page - Global Mixed-mode Technology Inc

  G962 Datasheet HTML 1Page - Global Mixed-mode Technology Inc G962 Datasheet HTML 2Page - Global Mixed-mode Technology Inc G962 Datasheet HTML 3Page - Global Mixed-mode Technology Inc G962 Datasheet HTML 4Page - Global Mixed-mode Technology Inc G962 Datasheet HTML 5Page - Global Mixed-mode Technology Inc G962 Datasheet HTML 6Page - Global Mixed-mode Technology Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Ver: 0.8 Preliminary
Apr 01, 2005
TEL: 886-3-5788833
http://www.gmt.com.tw
3
G962
Global Mixed-mode Technology Inc.
Typical Characteristics
VEN=VIN, =5V, IO = 0.5A, CIN = 4.7µF, COUT =10µF, TA = TJ = 25°C
(VOUT=1.8V)
0
10
20
30
40
50
60
70
10
100
1000
10000
100000 1000000
Frequency (Hz)
IL=1A
IL=2A
VIN=5V
COUT=10µF
Vripple=224mV
Line Transient
Load Transient
Short Circuit Current
Start-UP
Overcurrent Protection Characteristics
Ripple Rejection



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com