Electronic Components Datasheet Search
  English  ▼

X  

GMS82512 Datasheet(PDF) 39 Page - Hynix Semiconductor

Part # GMS82512
Description  8-BIT SINGLE-CHIP MICROCONTROLLERS
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

GMS82512 Datasheet(HTML) 39 Page - Hynix Semiconductor

Back Button GMS82512 Datasheet HTML 35Page - Hynix Semiconductor GMS82512 Datasheet HTML 36Page - Hynix Semiconductor GMS82512 Datasheet HTML 37Page - Hynix Semiconductor GMS82512 Datasheet HTML 38Page - Hynix Semiconductor GMS82512 Datasheet HTML 39Page - Hynix Semiconductor GMS82512 Datasheet HTML 40Page - Hynix Semiconductor GMS82512 Datasheet HTML 41Page - Hynix Semiconductor GMS82512 Datasheet HTML 42Page - Hynix Semiconductor GMS82512 Datasheet HTML 43Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 93 page
background image
GMS82512/16/24
HYUNDAI MicroElectronics
36
FEB. 2000 Ver 1.00
Note: The contents of Timer data register TDRx should be
initialized 1H~FFH, not 0H, because it is undefined after re-
set.
In the Timer 0, timer register T0 increments from 00H until
it matches TDR0 and then reset to 00H. The match output
of Timer 0 generates Timer 0 interrupt (latched in T0IF bit)
As TDRx and Tx register are in same address, when read-
ing it as a Tx, written to TDRx.
In counter function, the counter is increased every 1-to-0
(falling edge) transition of EC0 pin. In order to use counter
function, the bit 4 of the Port mode register PMR4 are set
to “1”. The Timer 0 can be used as a counter by pin EC0
input, but Timer 1 can input by internal clock.
Figure 11-3 8-bit Timer/Counter 2, 3
Example 3:
Timer2 = 8-bit timer mode, 2ms interval at 8MHz
Timer3 = 8-bit timer mode, 500us interval at 8MHz
LDM
TDR2,#250
LDM
TDR3,#250
LDM
TM2,#0110_1111B
SET1
T2E
SET1
T3E
EI
Example 4:
Timer2 = 8-bit event counter mode
Timer3 = 500us 8-bit timer mode at 8MHz
LDM
TDR2,#250
LDM
TDR3,#250
LDM
TM2,#0110_1100B
SET1
T2E
SET1
T3E
EI
÷ 4
÷ 16
÷ 64
XIN PIN
MUX
T2IF
clear
0: Stop
1: Clear and start
T2ST
T2SL[1:0]
00
01
10
11
TIMER 2
INTERRUPT
T2CN
MUX
T3IF
clear
0: Stop
1: Clear and start
T3ST
T3SL[1:0]
01
10
11
TIMER 3
INTERRUPT
÷ 4
÷ 16
÷ 64
TDR2 (8-bit)
TDR3 (8-bit)
T3 (8-bit)
T2 (8-bit)
Comparator
Comparator
TIMER 2
TIMER 3
T3O PIN
F/F
BTCL
76
54321
0
T3ST
CAP2
T2SL1
INITIAL VALUE: 00H
ADDRESS: 0E3H
TM2
T2SL0
T2CN
T2ST
T3SL1 T3SL0
0X
X
X
X
X
X means don’t care
01 or 10 or 11
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com