Electronic Components Datasheet Search
  English  ▼

X  

GMS82512 Datasheet(PDF) 49 Page - Hynix Semiconductor

Part # GMS82512
Description  8-BIT SINGLE-CHIP MICROCONTROLLERS
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

GMS82512 Datasheet(HTML) 49 Page - Hynix Semiconductor

Back Button GMS82512 Datasheet HTML 45Page - Hynix Semiconductor GMS82512 Datasheet HTML 46Page - Hynix Semiconductor GMS82512 Datasheet HTML 47Page - Hynix Semiconductor GMS82512 Datasheet HTML 48Page - Hynix Semiconductor GMS82512 Datasheet HTML 49Page - Hynix Semiconductor GMS82512 Datasheet HTML 50Page - Hynix Semiconductor GMS82512 Datasheet HTML 51Page - Hynix Semiconductor GMS82512 Datasheet HTML 52Page - Hynix Semiconductor GMS82512 Datasheet HTML 53Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 93 page
background image
GMS82512/16/24
HYUNDAI MicroElectronics
46
FEB. 2000 Ver 1.00
Note: BUR is undefined after reset, so it must be initialized
to between 1H and 3FH by software.
Note that BUR is a write-only register.
The 6-bit counter is cleared and starts the counting by writ-
ing signal at BUR register. It is incremental from 00H until
it matches 6-bit BUR value.
When main-frequency is 8MHz, buzzer frequency is
shown as below table.
[kHz]
BUR
[5:0]
BUR[7:6]
BUR
[5:0]
BUR[7:6]
00
01
10
11
00
01
10
11
00
01
02
03
04
05
06
07
-
250.000
125.000
83.333
62.500
50.000
41.667
35.714
-
125.000
62.500
41.667
31.250
25.000
20.833
17.857
-
62.500
31.250
20.833
15.625
12.500
10.417
8.929
-
31.250
15.625
10.417
7.813
6.250
5.208
4.464
20
21
22
23
24
25
26
27
7.813
7.576
7.353
7.143
6.944
6.757
6.579
6.410
3.906
3.788
3.676
3.571
3.472
3.378
3.289
3.205
1.953
1.894
1.838
1.786
1.736
1.689
1.645
1.603
0.977
0.947
0.919
0.893
0.868
0.845
0.822
0.801
08
09
0A
0B
0C
0D
0E
0F
31.250
27.778
25.000
22.727
20.833
19.231
17.857
16.667
15.625
13.889
12.500
11.364
10.417
9.615
8.929
8.333
7.813
6.944
6.250
5.682
5.208
4.808
4.464
4.167
3.906
3.472
3.125
2.841
2.604
2.404
2.232
2.083
28
29
2A
2B
2C
2D
2E
2F
6.250
6.098
5.952
5.814
5.682
5.556
5.435
5.319
3.125
3.049
2.976
2.907
2.841
2.778
2.717
2.660
1.563
1.524
1.488
1.453
1.420
1.389
1.359
1.330
0.781
0.762
0.744
0.727
0.710
0.694
0.679
0.665
10
11
12
13
14
15
16
17
15.625
14.706
13.889
13.158
12.500
11.905
11.364
10.870
7.813
7.353
6.944
6.579
6.250
5.952
5.682
5.435
3.906
3.676
3.472
3.289
3.125
2.976
2.841
2.717
1.953
1.838
1.736
1.645
1.563
1.488
1.420
1.359
30
31
32
33
34
35
36
37
5.208
5.102
5.000
4.902
4.808
4.717
4.630
4.545
2.604
2.551
2.500
2.451
2.404
2.358
2.315
2.273
1.302
1.276
1.250
1.225
1.202
1.179
1.157
1.136
0.651
0.638
0.625
0.613
0.601
0.590
0.579
0.568
18
19
1A
1B
1C
1D
1E
1F
10.417
10.000
9.615
9.259
8.929
8.621
8.333
8.065
5.208
5.000
4.808
4.630
4.464
4.310
4.167
4.032
2.604
2.500
2.404
2.315
2.232
2.155
2.083
2.016
1.302
1.250
1.202
1.157
1.116
1.078
1.042
1.008
38
39
3A
3B
3C
3D
3E
3F
4.464
4.386
4.310
4.237
4.167
4.098
4.032
3.968
2.232
2.193
2.155
2.119
2.083
2.049
2.016
1.984
1.116
1.096
1.078
1.059
1.042
1.025
1.008
0.992
0.558
0.548
0.539
0.530
0.521
0.512
0.504
0.496
Table 13-1 Buzzer Frequency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com