Electronic Components Datasheet Search
  English  ▼

X  

GMS82512 Datasheet(PDF) 44 Page - Hynix Semiconductor

Part # GMS82512
Description  8-BIT SINGLE-CHIP MICROCONTROLLERS
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

GMS82512 Datasheet(HTML) 44 Page - Hynix Semiconductor

Back Button GMS82512 Datasheet HTML 40Page - Hynix Semiconductor GMS82512 Datasheet HTML 41Page - Hynix Semiconductor GMS82512 Datasheet HTML 42Page - Hynix Semiconductor GMS82512 Datasheet HTML 43Page - Hynix Semiconductor GMS82512 Datasheet HTML 44Page - Hynix Semiconductor GMS82512 Datasheet HTML 45Page - Hynix Semiconductor GMS82512 Datasheet HTML 46Page - Hynix Semiconductor GMS82512 Datasheet HTML 47Page - Hynix Semiconductor GMS82512 Datasheet HTML 48Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 93 page
background image
HYUNDAI MicroElectronics
GMS82512/16/24
FEB. 2000 Ver 1.00
41
11.4 16-bit Capture Mode
16-bit capture mode is the same as 8-bit capture, except
that the Timer register is being run will 16 bits.
Figure 11-10 16-bit Capture Mode
EC0 PIN
÷ 4
÷ 16
÷ 64
XIN PIN
MUX
INT0IF
0: Stop
1: Clear and start
T0ST
T0SL[1:0]
“00”
“01”
“10”
“11”
INT0
INTERRUPT
T0CN
BTCL
76543
210
T1ST
CAP0
T0SL1
INITIAL VALUE: 00H
ADDRESS: 0E2H
TM0
T0SL0
T0CN
T0ST
T1SL1 T1SL0
1X
X
X
X
X
X means don’t care
“01”
“10”
“11”
INT0 PIN
Capture
IEDS[1:0]
Edge Detector
This figure is a example of using the Timer0, 1.
In the Timer2, 3, operation is same like Timer0,1, each registers and
flags may be changed with for Timer2,3.
CDR1 + CDR0
Higher byte Lower byte
(16-bit)
CAPTURE DATA
T1 + T0
(16-bit)
0
0
TIMER 0 + TIMER 1
→ TIMER 0 (16-bit)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com