Electronic Components Datasheet Search
  English  ▼

X  

GMS82512 Datasheet(PDF) 5 Page - Hynix Semiconductor

Part # GMS82512
Description  8-BIT SINGLE-CHIP MICROCONTROLLERS
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

GMS82512 Datasheet(HTML) 5 Page - Hynix Semiconductor

  GMS82512 Datasheet HTML 1Page - Hynix Semiconductor GMS82512 Datasheet HTML 2Page - Hynix Semiconductor GMS82512 Datasheet HTML 3Page - Hynix Semiconductor GMS82512 Datasheet HTML 4Page - Hynix Semiconductor GMS82512 Datasheet HTML 5Page - Hynix Semiconductor GMS82512 Datasheet HTML 6Page - Hynix Semiconductor GMS82512 Datasheet HTML 7Page - Hynix Semiconductor GMS82512 Datasheet HTML 8Page - Hynix Semiconductor GMS82512 Datasheet HTML 9Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 93 page
background image
GMS82512/16/24
HYUNDAI MicroElectronics
2
FEB. 2000 Ver 1.00
1.3 Development Tools
The GMS825xx is supported by a full-featured macro as-
sembler, an in-circuit emulator CHOICE-Jr.TM and OTP
programmers. There are third different type programmers
such as emulator add-on board type, single type, gang type.
For mode detail, Refer to “20. OTP PROGRAMMING” on
page 63. Macro assembler operates under the MS-Win-
dows 95/98TM.
Please contact sales part of HYUNDAI MicroElectronics.
1.4 Ordering Information
Device name
ROM Size
RAM size
Package
Mask version
GMS82512 K
GMS82512 Q
GMS82516 K
GMS82516 Q
GMS82524 K
GMS82524 Q
12K bytes
12K bytes
16K bytes
16K bytes
24K bytes
24K bytes
448 bytes
448 bytes
448 bytes
448 bytes
448 bytes
448 bytes
42SDIP
44QFP
42SDIP
44QFP
42SDIP
44QFP
OTP version
GMS82524T K
GMS82524T Q
24K bytes OTP
24K bytes OTP
448 bytes
448 bytes
42SDIP
44QFP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com